Electronic Components Datasheet Search
  English  ▼

X  

TPRH6D18 Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # TPRH6D18
Description  SMD POWER INDUCTOR-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

TPRH6D18 Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  TPRH6D18 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. TPRH6D18 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. TPRH6D18 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SMD POWER INDUCTOR-RoHS
Your Perfect Inductor
Rev.1601
TPRH 6D18 TYPE
●FEATURE
1. Various high power inductors are superior
to be high saturation for surface mounting
●Applications
1. DC-DC converter of portable equipment
2. Digital Camera,Notebook,Camcorder and others
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=6.70±0.30m/m ; D=2.00m/m MAX; C=9.50m/m TYP ; H=2.00m/m REF.
MARKING= Inductance value
●Specification
Part Number
L(uH)
Marking
DCR(ΩMax)
IDC(A)(Max)
TPRH6D18-2R2□
2.2
2R2
0.045
3.50
TPRH6D18-3R3□
3.3
3R3
0.050
3.00
TPRH6D18-4R7□
4.7
4R7
0.076
2.80
TPRH6D18-6R8□
6.8
6R8
0.087
2.20
TPRH6D18-100□
10
100
0.150
1.80
TPRH6D18-120□
12
120
0.200
1.70
TPRH6D18-150□
15
150
0.260
1.50
TPRH6D18-220□
22
220
0.396
1.30
TPRH6D18-330□
33
330
0.540
1.05
TPRH6D18-470□
47
470
0.672
0.95
A
D
H
XXX
MARKING
2.00REF
2.65REF


Similar Part No. - TPRH6D18

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
TPRH6D28 FENGJUI-TPRH6D28 Datasheet
186Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH6D28-100 FENGJUI-TPRH6D28-100 Datasheet
186Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH6D28-101 FENGJUI-TPRH6D28-101 Datasheet
186Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH6D28-120 FENGJUI-TPRH6D28-120 Datasheet
186Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH6D28-150 FENGJUI-TPRH6D28-150 Datasheet
186Kb / 3P
SMD POWER INDUCTOR-RoHS
More results

Similar Description - TPRH6D18

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
ANB1303 FENGJUI-ANB1303 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1305 FENGJUI-ANB1305 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1311 FENGJUI-ANB1311 Datasheet
145Kb / 3P
SMD POWER INDUCTOR-RoHS
SCRB6028 FENGJUI-SCRB6028 Datasheet
164Kb / 2P
SMD POWER INDUCTOR-RoHS
SDIA4018 FENGJUI-SDIA4018 Datasheet
208Kb / 2P
SMD POWER INDUCTOR-RoHS
SDIA6045 FENGJUI-SDIA6045 Datasheet
177Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH4D18 FENGJUI-TPRH4D18 Datasheet
193Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D18 FENGJUI-TPRH5D18 Datasheet
216Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D28R FENGJUI-TPRH5D28R Datasheet
210Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH8D28 FENGJUI-TPRH8D28 Datasheet
151Kb / 3P
SMD POWER INDUCTOR-RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com