Electronic Components Datasheet Search
  English  ▼

X  

TPRH6D28 Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # TPRH6D28
Description  SMD POWER INDUCTOR-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

TPRH6D28 Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  TPRH6D28 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. TPRH6D28 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. TPRH6D28 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SMD POWER INDUCTOR-RoHS
Your Perfect Inductor
Rev.1601
TPRH 6D28 TYPE
●FEATURE
1. Various high power inductors are superior
to be high saturation for surface mounting
●Applications
1. DC-DC converter of portable equipment
2. Digital Camera,Notebook,Camcorder and others
●Shape and Dimension
●Schematics and Land Patterns(mm)
A= 6.70±0.30 m/m MAX ; D=3.00m/m MAX; C=9.50m/m TYP. ; H=2.00m/m REF.
MARKING= Inductance value
●Specification
Part Number
L(uH)
Marking
DCR(ΩMax)
IDC(A)(Max)
TPRH6D28-1R0□
1.0
1R0
0.0132
5.50
TPRH6D28-2R0□
2.0
2R0
0.018
4.00
TPRH6D28-2R2□
2.2
2R2
0.025
3.50
TPRH6D28-3R0□
3.0
3R0
0.024
3.00
TPRH6D28-3R9□
3.9
3R9
0.027
2.60
TPRH6D28-4R7□
4.7
4R7
0.030
2.50
TPRH6D28-5R0□
5.0
5R0
0.031
2.40
TPRH6D28-6R8□
6.8
6R8
0.054
2.10
TPRH6D28-100□
10
100
0.065
1.70
TPRH6D28-120□
12
120
0.070
1.55
TPRH6D28-150□
15
150
0.084
1.40
TPRH6D28-180□
18
180
0.095
1.32
TPRH6D28-220□
22
220
0.128
1.20
TPRH6D28-270□
27
270
0.142
1.05
TPRH6D28-330□
33
330
0.165
0.97
TPRH6D28-390□
39
390
0.210
0.86
TPRH6D28-470□
47
470
0.238
0.80
A
D
H
XXX
MARKING
2.00REF
2.65REF


Similar Part No. - TPRH6D28

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
TPRH6D18 FENGJUI-TPRH6D18 Datasheet
188Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH6D18-100 FENGJUI-TPRH6D18-100 Datasheet
188Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH6D18-120 FENGJUI-TPRH6D18-120 Datasheet
188Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH6D18-150 FENGJUI-TPRH6D18-150 Datasheet
188Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH6D18-220 FENGJUI-TPRH6D18-220 Datasheet
188Kb / 3P
SMD POWER INDUCTOR-RoHS
More results

Similar Description - TPRH6D28

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
ANB1303 FENGJUI-ANB1303 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1305 FENGJUI-ANB1305 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1311 FENGJUI-ANB1311 Datasheet
145Kb / 3P
SMD POWER INDUCTOR-RoHS
SCRB6028 FENGJUI-SCRB6028 Datasheet
164Kb / 2P
SMD POWER INDUCTOR-RoHS
SDIA4018 FENGJUI-SDIA4018 Datasheet
208Kb / 2P
SMD POWER INDUCTOR-RoHS
SDIA6045 FENGJUI-SDIA6045 Datasheet
177Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH4D18 FENGJUI-TPRH4D18 Datasheet
193Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D18 FENGJUI-TPRH5D18 Datasheet
216Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D28R FENGJUI-TPRH5D28R Datasheet
210Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH8D28 FENGJUI-TPRH8D28 Datasheet
151Kb / 3P
SMD POWER INDUCTOR-RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com