Electronic Components Datasheet Search
  English  ▼

X  

AMS2907CL Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS2907CL
Description  500mA LOW DROPOUT VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2907CL Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS2907CL Datasheet HTML 1Page - Advanced Monolithic Systems AMS2907CL Datasheet HTML 2Page - Advanced Monolithic Systems AMS2907CL Datasheet HTML 3Page - Advanced Monolithic Systems AMS2907CL Datasheet HTML 4Page - Advanced Monolithic Systems AMS2907CL Datasheet HTML 5Page - Advanced Monolithic Systems AMS2907CL Datasheet HTML 6Page - Advanced Monolithic Systems AMS2907CL Datasheet HTML 7Page - Advanced Monolithic Systems AMS2907CL Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS2907
ABSOLUTE MAXIMUM RATINGS (Note 1)
Power Dissipation
Internally limited
Thermal Resistance
Input Voltage
15V
SOT-89 package
ϕ
JA= 110
°C/W
Operating Junction Temperature Range
TO-252 package
ϕ
JA= 80
°C/W
Control Section
-40
°C to 125°C
SOT-223 package
ϕ
JA= 90
°C/W*
Power Transistor
-40
°C to 150°C
Storage temperature
- 65
°C to +150°C
Soldering information
Lead Temperature (10 sec)
300
°C
* With package soldering to copper area over backside
ground plane or internal power plane
ϕ
JA can vary from
46
°C/W to >90°C/W depending on mounting technique and
the size of the copper area.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IOUT = 0 mA, and TJ = +25°C unless otherwise specified.
Parameter
Device
Conditions
Min
Typ
Max
Units
Reference Voltage
(Note 2)
AMS2907
IOUT = 10 mA
10mA
≤ I
OUT
≤ 500mA, 1.5V≤ (V
IN - VOUT)
≤ 12V
1.238
1.225
1.250
1.250
1.262
1.270
V
V
Output Voltage
(Note 2)
AMS2907-1.5
0
≤ I
OUT
≤ 500mA , 4.35V≤ V
IN
≤ 12V
1.485
1.476
1.500
1.500
1.515
1.524
V
V
AMS2907-1.8
0
≤ I
OUT
≤ 500mA , 4.35V≤ V
IN
≤ 12V
1.782
1.772
1.800
1.800
1.818
1.828
V
V
AMS2907-2.5
0
≤ I
OUT
≤ 500mA , 4.35V≤ V
IN
≤ 12V
2.475
2.460
2.500
2.500
2.525
2.560
V
V
AMS2907-2.85
0
≤ I
OUT
≤ 500mA , 4.35V≤ V
IN
≤ 12V
2.82
2.79
2.850
2.850
2.88
2.91
V
V
AMS2907-3.3
0
≤ I
OUT
≤ 500mA , 4.75V ≤ V
IN
≤ 12V
3.267
3.235
3.300
3.300
3.333
3.365
V
V
AMS2907-5.0
0
≤ I
OUT
≤ 500mA , 6.5V ≤ V
IN
≤ 12V
4.950
4.900
5.000
5.000
5.050
5.100
V
V
Line Regulation
AMS2907
ILOAD = 10 mA , 1.5V
≤ (V
IN - VOUT)
≤ 12V
0.015
0.035
0.2
0.2
%
%
AMS2907-1.5
3.0V
≤ V
IN
≤ 12V
0.3
0.6
5
6
mV
mV
AMS2907-1.8
3.0V
≤ V
IN
≤ 12V
0.3
0.6
5
6
mV
mV
AMS2907-2.5
4.0V
≤ V
IN
≤ 12V
0.3
0.6
6
6
mV
mV
AMS2907-2.85
4.35V
≤ V
IN
≤ 12V
0.3
0.6
6
6
mV
mV
AMS2907-3.3
4.75V
≤ V
IN
≤ 12V
0.5
1.0
10
10
mV
mV
AMS2907-5.0
6.5V
≤ V
IN
≤ 12V
0.5
1.0
10
10
mV
mV
Load Regulation
(Notes 2, 3)
AMS2907
(VIN - VOUT) =3V, 10mA
≤ I
OUT
≤ 500mA
0.1
0.2
0.3
0.4
%
%
AMS2907-1.5
VIN = 5V, 0
≤ I
OUT
≤ 500mA
3
6
10
20
mV
mV
AMS2907-1.8
VIN = 5V, 0
≤ I
OUT
≤ 500mA
3
6
11
20
mV
mV
AMS2907-2.5
VIN = 5V, 0
≤ I
OUT
≤ 500mA
3
6
12
20
mV
mV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com