Electronic Components Datasheet Search
  English  ▼

X  

EM5045 Datasheet(PDF) 3 Page - Excelliance MOS Corp.

Part # EM5045
Description  1.8A Sink/Source Bus Termination Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5045 Datasheet(HTML) 3 Page - Excelliance MOS Corp.

  EM5045 Datasheet HTML 1Page - Excelliance MOS Corp. EM5045 Datasheet HTML 2Page - Excelliance MOS Corp. EM5045 Datasheet HTML 3Page - Excelliance MOS Corp. EM5045 Datasheet HTML 4Page - Excelliance MOS Corp. EM5045 Datasheet HTML 5Page - Excelliance MOS Corp. EM5045 Datasheet HTML 6Page - Excelliance MOS Corp. EM5045 Datasheet HTML 7Page - Excelliance MOS Corp. EM5045 Datasheet HTML 8Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2012/02/27
A.1
3
EM5045
Absolute Maximum Ratings (Note1)
VIN ------------------------------------------------------------------------------------------------------ -0.3V to +6.0V
VCNTL --------------------------------------------------------------------------------------------------- -0.3V to +6.0V
Other Pins------------------------------------------------------------------------------------
-0.3V to (VCNTL+0.3V)
Power Dissipation, PD @ TA = 25°C, PSOP8 ---------------------------------------------------------- 1.33W
Package Thermal Resistance, ΘJA, PSOP8 (Note 2)----------------------------------------------
75°C/W
Junction Temperature------------------------------------------------------------------------------------------
150°C
Lead Temperature (Soldering, 10 sec.)--------------------------------------------------------------------
260°C
Storage Temperature ----------------------------------------------------------------------------
−65°C to 150°C
ESD susceptibility (Note3)
HBM (Human Body Mode)-----------------------------------------------------------------------------------
2KV
MM (Machine Mode)-----------------------------------------------------------------------------------------
200V
Recommended Operating Conditions (Note4)
Control Voltage, VCNTL ------------------------------------------------------------------------------ +4.5V to +5.5V
Supply Input Voltage, VIN ---------------------------------------------------------------------------- +1V to VCNTL
Junction Temperature ----------------------------------------------------------------------------- −40°C to 125°C
Ambient Temperature ------------------------------------------------------------------------------- −40°C to 85°C
Electrical Characteristics
VCNTL= 5V, VIN= 1.8V, VREFEN= 0.9V, TA=25℃, unless otherwise specified
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Input Section
Control Input Voltage
VCNTL
4.5
-
5.5
V
POR Threshold
VPORTH VCNTL rising
-
3.6
-
V
POR Hysteresis
VPORHYS
-
0.2
-
V
CNTL Operation Current
ICNTL
IOUT=0A
-
0.7
2.5
mA
Shutdown Current
ISD
VREFEN=0V
-
50
90
uA
Output Voltage
Output Offset Voltage
VOS
IOUT=0A
-20
-
20
mV
Load Regulation
∆VLOAD IOUT =±1.8A
-20
-
20
mV
REFEN Shutdown
Enable High Level
VEN
0.4
-
-
V
Disable Low Level
VSD
-
-
0.15
V
Protection
OCP Threshold Level
IOCP
Source / Sink
1.8
3.0
4.2
A
Output Short Circuit Current
ISC
Source / Sink
-
1.5
-
A
Thermal Shutdown Temperature
TSD
VEN=VIN , IOUT=0A
-
160
-
oC
Thermal Shutdown Hysteresis
TSDHYS
VEN=VIN , IOUT=0A
-
30
-
oC
Note 1.
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device.
These are for stress ratings. Functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may remain possibility to affect device reliability.
Note 2.
θ
JA is measured in the natural convection at TA=25
oC on a 4-layers high effective thermal conductivity test board with
minimum copper area of JEDEC 51-7 thermal measurement standard.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com