Electronic Components Datasheet Search
  English  ▼

X  

EM5049 Datasheet(PDF) 1 Page - Excelliance MOS Corp.

Part # EM5049
Description  2A Sink/Source Bus Termination Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5049 Datasheet(HTML) 1 Page - Excelliance MOS Corp.

  EM5049 Datasheet HTML 1Page - Excelliance MOS Corp. EM5049 Datasheet HTML 2Page - Excelliance MOS Corp. EM5049 Datasheet HTML 3Page - Excelliance MOS Corp. EM5049 Datasheet HTML 4Page - Excelliance MOS Corp. EM5049 Datasheet HTML 5Page - Excelliance MOS Corp. EM5049 Datasheet HTML 6Page - Excelliance MOS Corp. EM5049 Datasheet HTML 7Page - Excelliance MOS Corp. EM5049 Datasheet HTML 8Page - Excelliance MOS Corp. EM5049 Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2013/08/30
A.1
1
EM5049
2A Sink/Source Bus Termination Regulator
General Description
The EM5049 performs ultra low drop voltage
and fast response linear regulator specifically
designed to provide termination voltage for DDR
memory system. This device works with dual
supplies, a control input for the control circuitry
and a power input for providing current to output
and designed to source/sink up to 2A output
current. Output voltage is regulated to track the 1/2
reference voltage within 15mV variation.
The other features include soft start, current
limit protection, Power-On-Reset function, and
over temperature protection. The EM5049 is
available in DFN3X3 package.
Ordering Information
Part Number
Package
Remark
EM5049VT
DFN3X3-10L
Features
Termination Voltage for DDRII/DDRIII Memory
System
Stable with Output Ceramic Capacitor
Excellent Line Regulation
Excellent Load Regulation
Output Voltage is Adjustable
2A Output Source/Sink Current
Bidirectional Current Limit Protection
Over Temperature Protection
RoHS Compliant and 100% Lead (Pb)-Free
Applications
DDRII/DDRIII Memory Systems
Notebook & Netbook
Graphics Card & MB
Low Voltage Logic Supplies
SMPS Post Regulators
Set Top Boxes , Digital TVS , Printers
Active Termination Buses
Pin Configuration
1
2
3
4
5
10
9
8
7
6
GND
DFN3x3-10L
EN
FB
VOUT
VOUT
VOUT
CNTL
REF
VIN
VIN
VIN
Typical Application Circuit


Similar Part No. - EM5049

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EM5045 EXCELLIANCE-EM5045 Datasheet
1Mb / 8P
1.8A Sink/Source Bus Termination Regulator
logo
Eaton All Rights Reserv...
EM5045 EATON-EM5045 Datasheet
664Kb / 1P
Header (Mates with EM5035 Series); 5.00 Centers
EM504502 EATON-EM504502 Datasheet
664Kb / 1P
Header (Mates with EM5035 Series); 5.00 Centers
EM504503 EATON-EM504503 Datasheet
664Kb / 1P
Header (Mates with EM5035 Series); 5.00 Centers
EM504504 EATON-EM504504 Datasheet
664Kb / 1P
Header (Mates with EM5035 Series); 5.00 Centers
More results

Similar Description - EM5049

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3196 CALMIRCO-CM3196 Datasheet
362Kb / 13P
2A Sink/Source DDR-I, -II Bus Termination Regulator
logo
Richtek Technology Corp...
RT9173C RICHTEK-RT9173C Datasheet
225Kb / 13P
Cost-Effective, 2A Sink/Source Bus Termination Regulator
RT9199 RICHTEK-RT9199 Datasheet
204Kb / 13P
Cost-Effective, 2A Peak Sink/Source Bus Termination Regulator
logo
Eutech Microelectronics...
EUP7171 EUTECH-EUP7171 Datasheet
226Kb / 10P
2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1250CMP A-POWER-AP1250CMP Datasheet
427Kb / 5P
2A Sink/Source Bus Termination Regulator
logo
Seaward Electronics Inc...
SE9174C SEAWARD-SE9174C Datasheet
326Kb / 6P
2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1280AMP A-POWER-AP1280AMP Datasheet
202Kb / 5P
2A SINK/SOURCE BUS TERMINATION REGULATOR
AP1280AMP A-POWER-AP1280AMP_14 Datasheet
202Kb / 5P
2A SINK/SOURCE BUS TERMINATION REGULATOR
AP1280AMP A-POWER-AP1280AMP_16 Datasheet
375Kb / 7P
2A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Seaward Electronics Inc...
SE9175 SEAWARD-SE9175 Datasheet
961Kb / 10P
2A Sink/Source Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com