Electronic Components Datasheet Search
  English  ▼

X  

EM5102 Datasheet(PDF) 3 Page - Excelliance MOS Corp.

Part # EM5102
Description  2A Low Dropout LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5102 Datasheet(HTML) 3 Page - Excelliance MOS Corp.

  EM5102 Datasheet HTML 1Page - Excelliance MOS Corp. EM5102 Datasheet HTML 2Page - Excelliance MOS Corp. EM5102 Datasheet HTML 3Page - Excelliance MOS Corp. EM5102 Datasheet HTML 4Page - Excelliance MOS Corp. EM5102 Datasheet HTML 5Page - Excelliance MOS Corp. EM5102 Datasheet HTML 6Page - Excelliance MOS Corp. EM5102 Datasheet HTML 7Page - Excelliance MOS Corp. EM5102 Datasheet HTML 8Page - Excelliance MOS Corp. EM5102 Datasheet HTML 9Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2011/11/14
Rev.A.5
3
EM5102
Absolute Maximum Ratings (Note1)
VIN -----------------------------------------------------------------------------------
-0.3V to +7V
VCNTL (Note 1)
----------------------------------------------------------------------
-0.3V to +7V
Other Pins
------------------------------------------------------------------------
-0.3V to (VCNTL+0.3V)
Package Thermal Resistance,θJA, PSOP8 (Note 2)
-------------------------
75°C/W
Package Thermal Resistance,θJC, PSOP8 (Note 2)
-------------------------
15°C /W
Power Dissipation, PD @ TA = 25°C, PSOP8 (Note 3) ---------------------- 1.9W
Junction Temperature
---------------------------------------------------------
150°C
Lead Temperature (Soldering, 10 sec.)
------------------------------------
260°C
Storage Temperature
----------------------------------------------------------
-65°C to +150°C
ESD susceptibility (Note4)
HBM (Human Body Mode)
---------------------------------------------------
2KV
MM (Machine Mode)
----------------------------------------------------------
200V
Recommended Operating Conditions (Note5)
Supply Input Voltage, VIN
---------------------------------------------------
1.0V to VCNTL
Control Voltage, VCNTL
-------------------------------------------------------
3.0V to 5.5V
Junction Temperature
------------------------------------------------------
-40°C to 125°C
Ambient Temperature
------------------------------------------------------
-40°C to 85°C
Electrical Characteristics
VCNTL=5V, TA=25°C, unless otherwise specified
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Input Section
Control Input Voltage
VCNTL
VOUT= VREF
2.9
-
6
V
POR Threshold
VCNTLRTH
2.5
2.7
2.9
V
POR Hysteresis
VCNTLHYS
0.1
0.2
-
V
Power Input Voltage
VIN
VOUT=VREF
1.0
-
VCNTL
V
Control Input Current in
Shutdown
ICNTL_SD
VIN=VCNTL=5V, IOUT=0A,VEN=0V
-
10
30
uA
Quiescent Current
IQ
VIN=VCNTL=VEN=5V, IOUT=0A,
VOUT=VREF
-
0.3
0.6
mA
Feedback
Reference Voltage
VREF
VIN=VCNTL=VEN=5V, IOUT=0A,
VOUT=VREF
0.788
0.8
0.812
V
Feedback Input Current
IFB
-
20
-
nA
VIN Line Regulation
VREF(LINE)
1.2V<VIN<5V, VCNTL=VEN=5V,
IOUT=0A, VOUT=VREF
-
0.01
0.1
%/V
Load Regulation (Note 6)
VREF(LOAD)
0<IOUT<2A, VIN=VCNTL=VEN=5V,
VOUT=VREF
-
0.1
0.5
%/A
Load Regulation over
Temperature
VREF(TOTAL)
0<IOUT<2A, VIN=VCNTL=VEN=5V,
VOUT=VREF, -40
oC<T
j<125
oC by
design
-
0.5
3
%
On Resistance
RDS(ON)
IOUT=100mA, VCNTL=VEN=5V,
VOUT=1.6V
-
150
250
mΩ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com