Electronic Components Datasheet Search
  English  ▼

X  

EM8672 Datasheet(PDF) 2 Page - Excelliance MOS Corp.

Part # EM8672
Description  HV Start-up PWM Controller with Over Temperature Protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM8672 Datasheet(HTML) 2 Page - Excelliance MOS Corp.

  EM8672 Datasheet HTML 1Page - Excelliance MOS Corp. EM8672 Datasheet HTML 2Page - Excelliance MOS Corp. EM8672 Datasheet HTML 3Page - Excelliance MOS Corp. EM8672 Datasheet HTML 4Page - Excelliance MOS Corp. EM8672 Datasheet HTML 5Page - Excelliance MOS Corp. EM8672 Datasheet HTML 6Page - Excelliance MOS Corp. EM8672 Datasheet HTML 7Page - Excelliance MOS Corp. EM8672 Datasheet HTML 8Page - Excelliance MOS Corp. EM8672 Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2013/01/30
2
REV.A.4
EM8672
Pin Configuration
Pin Assignment
Pin Name
Pin Number
Pin Function
SOP-8
SOP-7
GND
4
4
Ground.
COMP
2
2
Voltage feedback pin. By connecting a photo-coupler to close the control loop and
achieve the regulation.
LATCH
1
1
This pin provides an Internal sourcing current of 100uA, used for external latch
circuit. When this pin < 1.05V and after 160uS, IC is latch off. By connecting a NTC
resistor to GND, it can achieve the OTP protection function. Keep this pin floating
to disable the latch protection.
CS
3
3
Senses the primary current.
VCC
6
6
IC Power Supply Pin.
GATE
5
5
Gate drive output to drive the external MOSFET.
NC
7
--
No Internal Connection.
HV
8
7
For start-up, this pin is pulled high to the line input or the bulk capacitor via
resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com