Electronic Components Datasheet Search
  English  ▼

X  

TPRH1203 Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # TPRH1203
Description  SMD POWER INDUCTOR-RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

TPRH1203 Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  TPRH1203 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. TPRH1203 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. TPRH1203 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD. TPRH1203 Datasheet HTML 4Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SMD POWER INDUCTOR-RoHS
Your Perfect Inductor
Rev.1701
TPRH □□□□ TYPE
●FEATURE
1. Low core loss for high frequency power application
2. Large terminal surface
●Applications
1. Portable communication equipment, notebook computer
●Shape and Dimension
●Schematics and Land Patterns(mm)
Figure 1
Figure 2
●Specification
Dimension in m/m
TYPE
A
B
C
E
d2
F
FIG.
TPRH1203
12.0±0.30
12.0±0.30
3.90Max
12.80
7.00
5.40
1
TPRH1204
12.0±0.30
12.0±0.30
5.00Max
12.80
7.00
5.40
1
TPRH1205
12.0±0.30
12.0±0.30
6.00Max
12.80
7.00
5.40
1
TPRH1207
12.0±0.30
12.0±0.30
8.00Max
12.80
7.00
5.40
1
TPRH0603
6.60±0.30
6.20±0.30
3.00Max
8.00
4.80
1.50
2
TPRH0605
6.60±0.30
6.20±0.30
5.00Max
8.00
4.80
1.50
2
TPRH0703
7.30±0.20
7.30±0.20
3.50Max
8.00
4.80
2.20
2
TPRH0704
7.30±0.20
7.30±0.20
4.50Max
8.00
4.80
2.20
2
Note1. Measurement frequency of Inductance value : 1KHz
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. The rated current indicates the current when the inductance decreases to 75% over of it’s
nominal value or D.C. current when the temperature rising ∆t=30℃lower, whichever is lower
Note4. Inductance tolerance: M: ±20%
F
B
Black Marking
100


Similar Part No. - TPRH1203

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
TPRH1203 FENGJUI-TPRH1203 Datasheet
146Kb / 3P
SMD POWER INDUCTOR-RoHS
More results

Similar Description - TPRH1203

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
ANB1303 FENGJUI-ANB1303 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1305 FENGJUI-ANB1305 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1311 FENGJUI-ANB1311 Datasheet
145Kb / 3P
SMD POWER INDUCTOR-RoHS
SCRB6028 FENGJUI-SCRB6028 Datasheet
164Kb / 2P
SMD POWER INDUCTOR-RoHS
SDIA4018 FENGJUI-SDIA4018 Datasheet
208Kb / 2P
SMD POWER INDUCTOR-RoHS
SDIA6045 FENGJUI-SDIA6045 Datasheet
177Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH4D18 FENGJUI-TPRH4D18 Datasheet
193Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D18 FENGJUI-TPRH5D18 Datasheet
216Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D28R FENGJUI-TPRH5D28R Datasheet
210Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH8D28 FENGJUI-TPRH8D28 Datasheet
151Kb / 3P
SMD POWER INDUCTOR-RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com