Electronic Components Datasheet Search
  English  ▼

X  

TPRH1207P Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # TPRH1207P
Description  SMD POWER INDUCTOR-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

TPRH1207P Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  TPRH1207P Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. TPRH1207P Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. TPRH1207P Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SMD POWER INDUCTOR-RoHS
Your Perfect Inductor
Rev. 1702
TPRH1207P TYPE
●FEATURE
1.
Dual winding inductors that can be used as a single inductor, SEPIC, Flyback, or other coupled
inductor/trans former applications (1:1 turns ratio)
2.
Windings can be connected in series or parallel, offering a wide range of inductance and current ratings
3.
same as EATON DRAQ127 series
●Applications
1.
Body electronics
2.
Advanced driver assistance systems
3.
Infotainment and cluster electronics
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=12.0±0.30m/m ; B=12.0±0.30m/m ; C=8.50m/m MAX
●Specification
Part Number
Leads connected in parallel
Leads connected in series
L(uH)
±20%
DCR(Ω)
MA X.
Isat
(A)
Irms
(A)
L(uH)
±30%
DCR(Ω)
Max
Isat
(A)
Irms
(A)
TP RH1207P-4R7M
4.7
0.019
14.9
7.4
18.8
0.076
7.70
3.6
TP RH1207P-5R6M
5.6
0.023
13.4
7.2
22.4
0.092
6.60
3.5
TP RH1207P-6R8M
6.8
0.024
13.1
6.9
27.2
0.096
6.40
3.4
TP RH1207P-8R2M
8.2
0.025
10.8
6.6
32.8
0.100
5.60
3.3
TP RH1207P-100M
10
0.029
10.5
6.2
40.0
0.116
5.40
3.2
TP RH1207P-120M
12
0.031
9.6
6.0
48.0
0.124
4.80
2.9
TP RH1207P-150M
15
0.036
9.1
5.8
60.0
0.144
4.30
2.7
TP RH1207P-180M
18
0.040
8.0
5.5
72.0
0.158
3.90
2.5
TP RH1207P-220M
22
0.048
6.8
5.2
88
0.19
3.50
2.2
TP RH1207P-270M
27
0.060
6.5
4.7
108
0.24
3.40
2.0
TP RH1207P-330M
33
0.075
5.6
4.2
132
0.30
3.10
1.7


Similar Part No. - TPRH1207P

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
TPRH1207 FENGJUI-TPRH1207 Datasheet
146Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH1207 FENGJUI-TPRH1207 Datasheet
163Kb / 4P
SMD POWER INDUCTOR-RoHS
logo
Transko Electronics, In...
TPRH1207F TRANSKO-TPRH1207F Datasheet
664Kb / 3P
Power Inductor SMD (12.0 X 12.0 X 8.0 mm)
Rev 1: 10-02-2018
TPRH1207F-100M TRANSKO-TPRH1207F-100M Datasheet
664Kb / 3P
Power Inductor SMD (12.0 X 12.0 X 8.0 mm)
Rev 1: 10-02-2018
TPRH1207F-101M TRANSKO-TPRH1207F-101M Datasheet
664Kb / 3P
Power Inductor SMD (12.0 X 12.0 X 8.0 mm)
Rev 1: 10-02-2018
More results

Similar Description - TPRH1207P

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
ANB1303 FENGJUI-ANB1303 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1305 FENGJUI-ANB1305 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1311 FENGJUI-ANB1311 Datasheet
145Kb / 3P
SMD POWER INDUCTOR-RoHS
SCRB6028 FENGJUI-SCRB6028 Datasheet
164Kb / 2P
SMD POWER INDUCTOR-RoHS
SDIA4018 FENGJUI-SDIA4018 Datasheet
208Kb / 2P
SMD POWER INDUCTOR-RoHS
SDIA6045 FENGJUI-SDIA6045 Datasheet
177Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH4D18 FENGJUI-TPRH4D18 Datasheet
193Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D18 FENGJUI-TPRH5D18 Datasheet
216Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D28R FENGJUI-TPRH5D28R Datasheet
210Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH8D28 FENGJUI-TPRH8D28 Datasheet
151Kb / 3P
SMD POWER INDUCTOR-RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com