Electronic Components Datasheet Search
  English  ▼

X  

P20150D Datasheet(PDF) 3 Page - PFC Device Inc.

Part # P20150D
Description  20A 150V MOS Schottky Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

P20150D Datasheet(HTML) 3 Page - PFC Device Inc.

  P20150D Datasheet HTML 1Page - PFC Device Inc. P20150D Datasheet HTML 2Page - PFC Device Inc. P20150D Datasheet HTML 3Page - PFC Device Inc. P20150D Datasheet HTML 4Page - PFC Device Inc. P20150D Datasheet HTML 5Page - PFC Device Inc. P20150D Datasheet HTML 6Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Characteristics
Version 4.2
3 / 6
www.pfc-device.com
P20150
2. Characteristics Curves
Ratings and Characteristics Curves
( TA = 25℃ unless otherwise specified )
Figure 1: Current Derating, Case
Figure 2: Maximum Repetitive Surge Current
Figure 3: Typical Forward Voltage
Figure 4: Typical Reverse Current
Figure 5: Typical Junction Capacitance
0
2
4
6
8
10
12
0
25
50
75
100
125
150
175
Tc, Case Temp (oC)
0
20
40
60
80
100
120
1
10
100
Number of Cycles at 60 Hz
0
1
10
250
350
450
550
650
750
850
Vf, Instantaneous Forward Voltage (mV)
Tj=75
℃
Tj=25
℃
Tj=125
℃
Tj=150
℃
0
0
1
10
100
1000
0
30
60
90
120
150
VR, Reverse Voltage (Volts)
Tj=150
℃
Tj=25
℃
Tj=75
℃
Tj=125
℃
10
100
1000
10000
0
1
10
100
Reverse Voltage (V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com