Electronic Components Datasheet Search
  English  ▼

X  

24AA64 Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # 24AA64
Description  CMOS Serial EFPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

24AA64 Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  24AA64 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24AA64 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24AA64 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24AA64 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24AA64 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24AA64 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24AA64 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24AA64 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24AA64 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
24AA64/24LC64
www.artschip.com
2
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Maximum Ratings*
Vcc………………………………………………………………..7.0V
All inputs and outputs w.r.t. Vss………………-0.6V to Vcc +1.0V
Storage temperature……………………………..-65℃ to +150℃
Ambient temp. with power applied…………….. -65℃ to +125℃
Soldering temperature of leads (10 seconds)…………….+300℃
ESD protection on all pins………………………………….. ≥4kV
*Notice: Stresses above those listed under “Maximum Ratings”
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at those or any
other conditions above those indicated in the operational listings
of this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
TABLE 1-1
PIN FUNCTION TABLE
Name
Function
A0,A1,A2
Vss
SDA
SCL
WP
Vcc
User Configurable Chip Selects
Ground
Serial Data
Serial Clock
Write Protect Input
+1.8 to 5.5V (24AA64)
+2.5 to 5.5V (24LC64)
TABLE 1-2
DC CHARACTERISTICS
All parameters apply across the
recommended operating ranges
unless otherwise noted.
Industrial (I): Vcc=+1.8V to 5.5V
Tamb =-40℃ to +85℃
Automotive (E): Vcc= 4.5 V to 5.5V
Tamb =-40℃ to 125℃
Parameter
Symbol
Min
Max
Units
Conditions
A0,A1,A2,
SCL, SDA, and WP pins:
High level input voltage
Low level input voltage
Hysteresis of Schmitt Trigger
Inputs (SDA,SCL pins)
Low level output voltage
VIH
VIL
VHYS
VOL
0.7 Vcc
—
0.05 Vcc
—
—
0.3 Vcc
0.2Vcc
—
0.40
V
V
V
V
V
Vcc≥2.5V
Vcc<2.5V
Vcc>2.5V(Note)
IOL = 3.0 mA @ Vcc =4.5V
IOL = 2.1 mA @ Vcc =2.5V
Input leakage current
ILI
-10
10
µA
VIN=VSS to Vcc, WP= Vss
VIN=Vss or Vcc, WP =Vcc
Output leakage current
ILO
-10
10
µA
VOUT=Vss to Vcc
Pin capacitance
(all inputs/outputs)
CIN, COUT
—
10
pF
Vcc= 5.0V (Note)
Tamb=25℃, fc=1MHz
Icc Write
—
3
mA
Vcc=5.5V
Operating current
Icc Read
—
400
µA
Vcc=5.5V, SCL =400KHz
Standby current
Iccs
—
1
µA
SCL=SDA=Vcc=5.5V
A0,A1,A2,WP=Vss
Note: This parameter is periodically sampled and not 100% tested.
FIGURE 1-1:
BUS TIMING DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com