Electronic Components Datasheet Search
  English  ▼

X  

24LC08B Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # 24LC08B
Description  Serial EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

24LC08B Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  24LC08B Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC08B Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC08B Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC08B Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC08B Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC08B Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC08B Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC08B Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC08B Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
24LC08B
www.artschip.com
2
1.0 ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
(t)
Vcc……………………………………………………………………………………………………
…………………………………...6.5V
All inputs and outputs w.r.t. Vss…………………………………………………………………………………………..-0.3V to Vcc +1.0V
Storage temperature………………………………………………………………………………………………………….-65℃ to +150℃
Ambient temperature with power applied………………………………………………………………………………..…-65℃ to +125℃
ESD protection on all pins……………………………………………………………………………………………………………… ≥4kV
*NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational
listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability.
TABLE 1-1: DC CHARACTERISTICS
DC CHARACTERISTICS
VCC= +1.8V to +5.5V
Industrial(I):
TA =-40℃ to +85℃,
Automotive (E):
TA =-40℃ to +125℃,
Param.
No.
Symbol.
Characteristic
Min.
Typ.
Max.
Units
Conditions
DI
D2
D3
D4
D5
VIH
VIL
VHYS
VOL
WP,SCL and SDA pins
High-level input voltage
Low-level input voltage
Hysteresis of Schmitt
Trigger inputs
Low-level output voltage
0.7VCC
0.05 VCC
0.3VCC
0.40
V
V
V
V
(Note)
IOL=3.0mA, VCC=2.5V
D6
ILI
Input leakage current
±1
µA
VIN=.1V to VCC
D7
ILO
Output leakage current
±1
µA
VOUT = .1V to VCC
D8
CIN,
COUT
Pin capacitance
(all inputs/outputs)
10
pF
VCC =5.0V (Note)
TA =25℃, FCLK =1MHz
D9
D10
ICC Write
ICC read
Operating current
0.1
0.05
3
1
mA
mA
VCC=5.5V, SCL =400KHz
D11
ICCS
Standby current
0.01
1
5
µA
µA
Industrial
Automotive
SDA = SCL =VCC
WP =VSS
Note: This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com