Electronic Components Datasheet Search
  English  ▼

X  

DM48508 Datasheet(PDF) 8 Page - TOKYO SEIMITSU CO., LTD

Part # DM48508
Description  SURFCOM 쨌 CONTOURECORD Option
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

DM48508 Datasheet(HTML) 8 Page - TOKYO SEIMITSU CO., LTD

Back Button DM48508 Datasheet HTML 4Page - TOKYO SEIMITSU CO., LTD DM48508 Datasheet HTML 5Page - TOKYO SEIMITSU CO., LTD DM48508 Datasheet HTML 6Page - TOKYO SEIMITSU CO., LTD DM48508 Datasheet HTML 7Page - TOKYO SEIMITSU CO., LTD DM48508 Datasheet HTML 8Page - TOKYO SEIMITSU CO., LTD DM48508 Datasheet HTML 9Page - TOKYO SEIMITSU CO., LTD DM48508 Datasheet HTML 10Page - TOKYO SEIMITSU CO., LTD DM48508 Datasheet HTML 11Page - TOKYO SEIMITSU CO., LTD DM48508 Datasheet HTML 12Page - TOKYO SEIMITSU CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Measuring application
Model
External view
d
L1
L2 Applicable arm
Remarks
General purpose
DM45501*2
3
60
52
010 2804
DM45502
3
34
26
010 2800
DM45503
2
21
13
010 2801
General purpose
DM45504 *2
3
60
52
010 2804
• Standard acces-
sory
DM45505*
3
34
26
010 2800
DM45506
2
21
13
010 2801
Edge line
DM45507 *2
3
60
52
010 2804
DM45508*
3
34
26
010 2800
DM45509
2
21
13
010 2801
Small holes
DM45081
─
12
9
010 2802
DM45082
─
7
5
DM45083*1
─
3.5
1.5
Small hole twist
DM45084*
─
12
9
010 2802
DM45085
─
7
5
DM45086* *1
─
3.5
1.5
Ordinary offset
DM45087
─
12
9
010 2802 • Offset: 25 mm
DM45088
─
7
5
DM45089*1
─
3.5
1.5
Helix surface offset
DM45090
─
12
9
010 2802 • Offset: 25 mm
DM45091
─
7
5
DM45092*1
─
3.5
1.5
High precision
DM45522 *2
3
60
52
010 2804
• Φ 0.7 ruby ball
DM45523
3
34
26
010 2800
DM45524
2
21
13
010 2801
DM45525 *2
3
60
52
010 2804
• Φ 1 ruby ball
DM45526
3
34
26
010 2800
DM45527
2
21
13
010 2801
Contour Styli
Applicable models
C1600
C1700
S1800
S1900
*See page 90 to 91 for the details of stylus/arm for C1710/S1910.
Stylus material: Cemented carbide
*Indicates stylus/arm set 010 2999
Standard Inventory Parts
24° conical, R0.025
L2
ød
L1
24° conical, R0.025
L1
17
L2
7
65
L1
12° angular, R0.025
L2
25
65
17
L1
24° conical, R0.025
L2
25
65
17
*1:Requires master ball calibration unit for small holes. *2:Requires pickup holder joint
Surface Texture – Contour
Measuring Instruments
SURFCOM · CONTOURECORD Option
88
TOKYO SEIMITSU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com