Electronic Components Datasheet Search
  English  ▼

X  

AS2533 Datasheet(PDF) 24 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # AS2533
Description  Multi-Standard CMOS Single Chip Telephone IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

AS2533 Datasheet(HTML) 24 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button AS2533 Datasheet HTML 17Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 18Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 19Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 20Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 21Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 22Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 23Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 24Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 25Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
24
Rev. 7
July 1998
Data Sheet
AS2533...6
Fig. 11 Receive Soft Clipping and Distortion
Fig. 12 Transmit Soft Clipping and Distortion
100
90
80
70
60
50
40
30
20
10
0
0
1
2
3
4
5
6
7
8
(V)
VLS
VLI
(mA)
Line Current
Typically
No ac signals
Tamb: 25
°C
Fig. 13 DC Mask
Characteristic Curves (Typical)
2,00
1,75
1,50
1,25
1,00
0,75
0,50
0,25
0,00
0,0
0,2
0,4
0,6
0,8
1,0
1,2
0
1
2
3
4
5
6
7
8
9
10
11
12
Line Input Voltage (LS)
(Vp)
(%)
(Vp)
Line Current: 20 mA
Frequency: 800 Hz
Tamb: 25
°C
Typically
soft clipping
VRO
THD
150
125
100
75
50
25
0
0,0
0,5
1,0
1,5
2,0
2,5
0
1
2
3
4
5
6
7
8
9
10
Microphone Input Voltage (M1/M2)
(Vp)
(mVp)
VLS
THD
Line Current: 20 mA
Frequency
Tamb: 25
°C
Typically
soft clipping
(%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com