Electronic Components Datasheet Search
  English  ▼

X  

BMA455 Datasheet(PDF) 1 Page - Bosch Sensortec GmbH

Part # BMA455
Description  Intelligent, triaxial acceleration sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA455 Datasheet(HTML) 1 Page - Bosch Sensortec GmbH

  BMA455 Datasheet HTML 1Page - Bosch Sensortec GmbH BMA455 Datasheet HTML 2Page - Bosch Sensortec GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL DESCRIPTION
The BMA455 is an ultra-small, triaxial, low-g high performance
acceleration sensor with digital interfaces, aiming for low-power
and demanding consumer electronics applications. Featuring
16 bit digital resolution and embedded intelligence, the BMA455
allows low-noise measurement of accelerations in 3 perpen-
dicular axes and thus senses significant motion, tilt and enables
plug ’n’ play step counting at low current consumption in smart
phones without an additional sensor hub. Furthermore the
device is optimized to fulfill Android low power accelerometer
requirements. The superior temperature behaviour of BMA455
facilitate accurate measurements over changing temperature.
The reduced height of only 0.65 mm is beneficial for low profile
smart phones.
SENSOR FEATURES
With its embedded intelligence BMA455 is unique in the class of
consumer grade accelerometers for smart phones, wearable
devices and toys and gadgets. The embedded intelligence
enables low current step-counting at 25 µA. On top, the BMA455
integrates a multitude of other features (e.g. tilt, significant
motion etc.) that facilitate its use especially in the area of
Android based smart phones, to fulfill the newest Android M
accelerometer requirements. Featuring a high performance
measurement mode with low pass filters and a current
consumption of only 150 μA the BMA455 is robust to vibrations
and aliasing. In low-power mode operation the current
consumption can be even further reduced by more than one
order of magnitude. This fulfills the current consumption
requirements for always-on applications. The BMA455 is highly
configurable in order to give the designer full flexibility when
integrating the sensor into the system.
TECHNICAL SPECIFICATIONS
BMA455 Technical data
Digital resolution
16 bit
Resolution
(in ±2g range)
0.06 mg
Measurement ranges
(programmable)
±2 g; ±4 g; ±8 g; ±16 g
Sensitivity
(calibrated)
±2 g:
16384 LSB/g
±4 g:
8192 LSB/g
±8 g:
4096 LSB/g
±16 g:
2048 LSB/g
Zero-g offset
(typ., over life-time)
±20 mg
Noise density (typ.)
120 µg/√Hz
Output data rate
(programmable)
1600 Hz … 1.5 Hz
Digital inputs/outputs
SPI & I2C,
2x digital interrupt pins
Supply voltage (VDD)
1.62 … 3.6 V
I/0 supply voltage (VDDIO)
1.2 … 3.6 V
Temperature range
-40 … +85 °C
Current consumption
– full operation
– low-power mode
150 µA
13 µA (@ 50 Hz data rate)
Large FIFO data buffer
1 kb
LGA package
2 x 2 x 0.65 mm3
Shock resistance
10,000 g x 200 µs
Bosch Sensortec
BMA455
Intelligent, triaxial acceleration sensor
BMA455 TARGET APPLICATIONS
 Step counting
 Significant motion
 Tilt detection
 Low power user interaction
 Advanced gesture recognition
 Activity recognition/tracking
 Advanced power management for mobile devices
 Shock and freefall detection
 Tilt compensation for electronic compass
 Spirit leveling / Virtual horizon


Similar Part No. - BMA455

ManufacturerPart #DatasheetDescription
logo
Bosch Sensortec GmbH
BMA456 BOSCH-BMA456 Datasheet
3Mb / 129P
Digital, triaxial acceleration sensor
BMA456 BOSCH-BMA456 Datasheet
3Mb / 103P
Digital, triaxial acceleration sensor
March 2025
BMA456 BOSCH-BMA456_V01 Datasheet
3Mb / 103P
Digital, triaxial acceleration sensor
March 2025
More results

Similar Description - BMA455

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BMA150 ETC2-BMA150 Datasheet
686Kb / 55P
Digital, triaxial acceleration sensor
BMA220 ETC2-BMA220 Datasheet
2Mb / 63P
Digital, triaxial acceleration sensor
BMA222E ETC2-BMA222E Datasheet
2Mb / 119P
Digital, triaxial acceleration sensor
BMA250 ETC2-BMA250 Datasheet
1Mb / 74P
Digital, triaxial acceleration sensor
logo
Bosch Sensortec GmbH
BMA222E BOSCH-BMA222E Datasheet
2Mb / 119P
Digital, triaxial acceleration sensor
BMA253 BOSCH-BMA253 Datasheet
2Mb / 119P
Digital, triaxial acceleration sensor
BMA280 BOSCH-BMA280 Datasheet
2Mb / 119P
Digital, triaxial acceleration sensor
BMA422 BOSCH-BMA422 Datasheet
247Kb / 2P
Intelligent, triaxial acceleration sensor
BMA421 BOSCH-BMA421 Datasheet
245Kb / 2P
Intelligent, triaxial acceleration sensor
BMA180 BOSCH-BMA180 Datasheet
194Kb / 2P
Digital, triaxial acceleration sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com