Electronic Components Datasheet Search
  English  ▼

X  

DM45502 Datasheet(PDF) 2 Page - TOKYO SEIMITSU CO., LTD

Part # DM45502
Description  SURFCOM 쨌 CONTOURECORD Option
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

DM45502 Datasheet(HTML) 2 Page - TOKYO SEIMITSU CO., LTD

  DM45502 Datasheet HTML 1Page - TOKYO SEIMITSU CO., LTD DM45502 Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD DM45502 Datasheet HTML 3Page - TOKYO SEIMITSU CO., LTD DM45502 Datasheet HTML 4Page - TOKYO SEIMITSU CO., LTD DM45502 Datasheet HTML 5Page - TOKYO SEIMITSU CO., LTD DM45502 Datasheet HTML 6Page - TOKYO SEIMITSU CO., LTD DM45502 Datasheet HTML 7Page - TOKYO SEIMITSU CO., LTD DM45502 Datasheet HTML 8Page - TOKYO SEIMITSU CO., LTD DM45502 Datasheet HTML 9Page - TOKYO SEIMITSU CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Measuring application
Model
External view
Specifications
Remarks
General purpose
DM43801
2 μmR,
60° conical diamond,
0.75 mN
• All orientations
• Horizontal tracing possible
• Standard accessory
Fine wires,
knife edges
DM43802
2 μmR,
60° knife edge-shaped
diamond,
0.75 mN
• All orientations
Medium fine holes
DM43809
2 μmR,
60° conical diamond,
0.75 mN
• All orientations
• Horizontal tracing possible
Extra fine holes,
gear flank
DM43811
2 μmR,
60° conical diamond,
0.75 mN
• All orientations
• Horizontal tracing possible
Fine holes/
thin grooves
DM43812*
2 μmR,
60° conical diamond,
0.75 mN
• All orientations
• Horizontal tracing possible
Hole bottom/conical
surfaces
DM43813
2 μmR,
60° conical diamond,
0.75 mN
• All orientations
• Horizontal tracing possible
Corners/
tooth surfaces
DM43814*
2 μmR,
60° conical diamond,
0.75 mN
• All orientations
• Horizontal tracing possible
Deep grooves/
round grooves
DM43815*
2 μmR,
60° conical diamond,
0.8 mN
• Downward measurement
• Large waveform distortion
Fine long holes
DM43821
2 μmR,
60° conical diamond,
3 mN
• Downward measurement
• Sensitivity: 1/2
• Magnification: x5000
• Large waveform distortion
Low magnification,
long holes
DM43822*
2 μmR,
60° conical diamond,
3 mN
• Downward measurement
• Sensitivity: 1/2
• Magnification: x20000
Low magnification,
corners
DM43824
2 μmR,
60° conical diamond,
4 mN
• Downward measurement
• Sensitivity: 1/2
• Magnification: x20000
Deep groove
corners
DM43827
2 μmR,
60° conical diamond,
4 mN
• Downward measurement
• Sensitivity: 1/2
• Magnification: x10000
Deep hole grooves,
O-ring groove bottom
surfaces
DM43825
2 μmR,
60° conical diamond,
3.4 mN
• Downward measurement
• Sensitivity: 1/2
• Magnification: x20000
• Large waveform distortion
Extra deep
grooves
DM43826
2 μmR,
60° conical diamond,
4 mN
• Downward measurement
• Sensitivity: 1/2
• Magnification: x5000
• Large waveform distortion
Stylus set
DM43800
2 μmR
Nosepiece
010 2702, 010 2703, 010 2709,
010 2710, 010 2722
Stylus
DM43812, DM43814,
DM43815, DM43822
DM43900
2 μmR
Nosepiece DM44026
Stylus
DM43801, DM43811,
DM43812, DM43814,
DM43815, DM43822
long holes
long holes
long holes
long holes
long holes
long holes
long holes
long holes
long holes
long holes
long holes
long holes
long holes
long holes
long holes
long holes
long holes
long holes
long holes
long holes
33.5
15
ø2.7
5.7
2.6
(4.8)
(0.7)
ø1.2
Standard Inventory Parts
Replaceable Roughness Profile Measuring Styli (Tip Radius 2 μm)
Applicable models
FLEX-50
S130
S1400
S1500
S1900
S1910
S480
S1800
S2800
S2900
S-NEX001
* Indicates stylus/nose piece set DM43800. The value of measuring force is when E-DT-S03A/E-DT-SE19A are mounted.
E-DT-SS01A pickup use only
Surface Texture – Contour
Measuring Instruments
SURFCOM · CONTOURECORD Option
4.8
82
TOKYO SEIMITSU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com