Electronic Components Datasheet Search
  English  ▼

X  

DM45504 Datasheet(PDF) 3 Page - TOKYO SEIMITSU CO., LTD

Part # DM45504
Description  SURFCOM 쨌 CONTOURECORD Option
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

DM45504 Datasheet(HTML) 3 Page - TOKYO SEIMITSU CO., LTD

  DM45504 Datasheet HTML 1Page - TOKYO SEIMITSU CO., LTD DM45504 Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD DM45504 Datasheet HTML 3Page - TOKYO SEIMITSU CO., LTD DM45504 Datasheet HTML 4Page - TOKYO SEIMITSU CO., LTD DM45504 Datasheet HTML 5Page - TOKYO SEIMITSU CO., LTD DM45504 Datasheet HTML 6Page - TOKYO SEIMITSU CO., LTD DM45504 Datasheet HTML 7Page - TOKYO SEIMITSU CO., LTD DM45504 Datasheet HTML 8Page - TOKYO SEIMITSU CO., LTD DM45504 Datasheet HTML 9Page - TOKYO SEIMITSU CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Measuring application
Model
External view
Specifications
Remarks
General purpose
010 2501
5 μmR,
90°conical diamond,
4 mN
• All orientations
• Horizontal tracing possible
Fine wires,
knife edges
010 2502
5 μmR,
90°knife edge-shaped
diamond, 5 mN
• All orientations
Medium fine
holes
010 2509
5 μmR,
90°conical diamond,
4 mN
• All orientations
• Horizontal tracing possible
Extra fine holes,
gear flank
010 2511
5 μmR,
90°conical diamond,
4 mN
• All orientations
• Horizontal tracing possible
Fine holes/
thin grooves
010 2512*
5 μmR,
90°conical diamond,
4 mN
• All orientations
• Horizontal tracing possible
Hole bottom/
conical surfaces
010 2513
5 μmR,
90°conical diamond,
4 mN
• All orientations
• Horizontal tracing possible
Corners/
tooth surfaces
010 2514*
5 μmR,
60°conical diamond,
4 mN
• All orientations
• Horizontal tracing possible
Deep grooves/
round grooves
010 2515*
5 μmR,
90°conical diamond,
5 mN
• Downward measurement
• Large waveform distortion
Gear tooth
profiles,
thread flank
010 2518
5 μmR,
90°conical diamond,
4 mN
• Magnification: x10000
Fine long holes
010 2521
5 μmR,
90°conical diamond,
5 mN
• Downward measurement
• Sensitivity: 1/2
• Magnification: x5000
• Large waveform distortion
Low magnification,
long holes
010 2522*
5 μmR,
90°conical diamond,
5 mN
• Downward measurement
• Sensitivity: 1/2
• Magnification: x20000
Low magnification,
corners
010 2524
5 μmR,
60°conical diamond,
5 mN
• Downward measurement
• Sensitivity: 1/2
• Magnification: x20000
Deep groove
corners
010 2527
5 μmR,
60°conical diamond,
8 mN
• Downward measurement
• Sensitivity: 1/2
• Magnification: x10000
• Large waveform distortion
Stylus set
010 2640
5 μmR
Nosepiece
010 2702, 010 2703, 010 2709,
010 2710, 010 2722
Stylus
010 2512, 010 2514,
010 2515, 010 2522
* Indicates stylus/nose piece set 010 2640. The value of measuring force is when E-DT-S01A/E-DT-SE18A are mounted
Replaceable Roughness Profile Measuring Styli (Tip Radius 5 μm)
Applicable models
FLEX-50
S130
S1400
S1500
S1900
S1910
S480
S1800
S2800
S2900
S-NEX001
Standard Inventory Parts
15
0.5
75°
6.1
7
40.7
83
TOKYO SEIMITSU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com