Electronic Components Datasheet Search
  English  ▼

X  

BMI261 Datasheet(PDF) 2 Page - Bosch Sensortec GmbH

Part # BMI261
Description  Smart Inertial Measurement Unit (IMU) for Android??OS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMI261 Datasheet(HTML) 2 Page - Bosch Sensortec GmbH

  BMI261 Datasheet HTML 1Page - Bosch Sensortec GmbH BMI261 Datasheet HTML 2Page - Bosch Sensortec GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bosch Sensort ec | BMI261
Data & Specification are preliminary and subject to change without notice | | Bosch Sensortec GmbH reserves al l
ri ghts in the event of i ndustrial property ri ghts. We reserve al l rights of disposal such as copyi ng and passing on to third
parti es. BOSCH and the symbol s are registered trademarks of Robert Bosch GmbH, Germany.
2 | 2
Doc.-Number: BST-BMI261-FL000-00 / Versi on_1.0_102018
Pin description
Pin No.
Name
1
SDO, Serial data output in SPI 4W
2
ASDx, Aux interface / OIS interface
3
ASCx, Aux interface / OIS interface
4
INT1, Interrupt Pin 1
5
VDDIO, Digital I/O supply voltage (1.2 … 3.6V)
6
GNDIO, Ground for I/O
7
GND, Ground for digital & analog
8
VDD, Power supply analog & digital (1.71 … 3.6V)
9
INT2, Interrupt Pin 2
10
OCSB, OIS interface
11
OSDO, OIS interface
12
CSB, Chip select for SPI mode
13
SCx, SPI/I2C serial clock (SCK/SCL)
14
SDx, Serial data I/O
BMI261 is pin-to-pin compatible with BMI160 and BMI260.
SYSTEM COMPATIBILITY
BMI261 is designed for best fit into modern Android™
smartphones and provides a primary digital interface (I2C and
SPI) and a freely configurable secondary digital interface (I2C
and SPI). Dual SPI configuration enables BMI261 to serve two
SPI-based modules supporting stereo or 3D camera operation.
BMI261 has a wide range for VDD and VDDIO supply voltages. The
performance and current consumption are stable over the entire
supply range. Typical current draw for BMI261’s accelerometer
and gyroscope at full ODR of 6.4 kHz is under 700 μA. By
enabling high output data rates with low current consumption,
smartphone manufacturers can avoid an unpleasant aliasing
effect – an effect that causes different signals to become
indistinguishable when sampled at lower ODRs.
BMI261’s low latency, minimal group delays and high-precision
time stamps on µs level substantially improve photo/video
quality in the context of optical and electronic image stabilisation
(OIS/EIS). Using BMI261 on the mainboard in dual interface
operation mode enables congruent HMI and OIS functions, such
as stabilized panorama photo panning and action video tagging.
BMI261 provides an intelligent power management system
enabling motion-triggered always-on features to run inside the
ultra-low power domain of the IMU. The host application
processor wakes up only on dedicated occasions, enabling a
maximized idle period for the main processor.
BMI261 features an improved embedded step counter and step
detector, an improved secondary interface for AUX or OIS
operation and manual or automatic in-use offset compensation.
BMI261 supports Android™ smartphone optimized interrupts
including:
- virtual & batch sensors for dynamic batching
- tilt / glance / pick up / wake up gesture
- significant motion, motion detect and stationary detect
- tap / double tap detection (as primary wakeup gesture)
- wrist tilt, raise to wake (as alternative wakeup gesture)
Headquarters
Bosch Sensortec GmbH
Gerhard-Ki ndler-Straße 9
72770 Reutl i ngen · Germany
Tel ephone +49 7121 3535 900
Fax +49 7121 3535 909
www.bosch -sensortec.com
Pin configurat ion



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com