Electronic Components Datasheet Search
  English  ▼

X  

DM59103 Datasheet(PDF) 1 Page - TOKYO SEIMITSU CO., LTD

Part # DM59103
Description  SURFCOM 쨌 CONTOURECORD Option
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

DM59103 Datasheet(HTML) 1 Page - TOKYO SEIMITSU CO., LTD

  DM59103 Datasheet HTML 1Page - TOKYO SEIMITSU CO., LTD DM59103 Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD DM59103 Datasheet HTML 3Page - TOKYO SEIMITSU CO., LTD DM59103 Datasheet HTML 4Page - TOKYO SEIMITSU CO., LTD DM59103 Datasheet HTML 5Page - TOKYO SEIMITSU CO., LTD DM59103 Datasheet HTML 6Page - TOKYO SEIMITSU CO., LTD DM59103 Datasheet HTML 7Page - TOKYO SEIMITSU CO., LTD DM59103 Datasheet HTML 8Page - TOKYO SEIMITSU CO., LTD DM59103 Datasheet HTML 9Page - TOKYO SEIMITSU CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Measuring application
Model
External view
Applicable stylus
Skid shape
Remarks
General
purpose
010 2701
010 2501
DM43801
32 mmR sapphire
• Tip skid
• Standard pickup built in
Skidless
010 2702*
All styluses
-
• For protection
• For front travel adjustment
Horizontal
tracing of
ordinary planes
010 2703*
010 2501
DM43801
• Double sided straddling skid
• Skid radius for horizontal
tracking: 4.5 mm
Extra fine holes 010 2704
010 2511
DM43811
8 mmR tool steel
• Double sided straddling skid
• Position adjustment with stylus
required
Fine holes
010 2705
010 2512
DM43812
8 mmR tool steel
• Tip skid
Thin groove
tooth surfaces
010 2706
010 2512
DM43812
8 mmR tool steel
• Double sided straddling skid
Curved sur-
faces
010 2707
010 2515
DM43815
32 mmR sapphire
• Sliding skid
Deep grooves
010 2708
010 2515
DM43815
32 mmR sapphire
• Double sided straddling skid
Narrow
deep grooves
010 2709*
010 2515
DM43815
32 mmR sapphire
• Tip skid
R grooves
010 2710*
010 2515
DM43815
0.8 mmR ruby
• One sided straddling skid
• Magnification: 5,000 or more
• Position adjustment with stylus
required
• Recording only
Small round
bars
010 2711
010 2501
DM43801
32 mmR sapphire
• Double sided straddling skid
• Skid position adjustment
required
• Three types of skids provided
for Φ 2 to 4,Φ 4 to 8, Φ 8 to 16
Long holes
010 2722*
010 2522
DM43822
32 mmR sapphire
• Tip skid
Deep grooves
in holes
010 2723
010 2525
DM43825
32 mmR sapphire
• Tip skid
• Position adjustment with stylus
required
Extra
deep grooves
010 2724
010 2526
DM43826
32 mmR sapphire
• Double sided straddling skid
• Position adjustment with stylus
required
Bottom surface
of O-ring
grooves
010 2726
010 2525
DM43825
0.8 mmR ruby
• Double sided straddling skid
• Magnification: 5,000 or more
• Position adjustment with stylus
required
Measuring application
Model
External view
Applicable stylus
Skid shape
Remarks
Skidless
DM44026
All
-
• Front travel adjustment with
adjustment screw
• E-DT-SS01A pickup use only
Applicable models
FLEX-50
S130
S480
S1400
S1800
S2800
Applicable models S1500
S1900
S1910
S2900
S-NEX001
5.5
7.2
6
63.5
4
9.1
9.1
1
8.4
4
4.8
17.2
20.3
20.3
20.3
2.5
1.5
12
4.5
5.2
1.8
* Indicates stylus/nose piece set DM43800 and 010 2640
Standard Inventory Parts
Nose Piece
Surface Texture – Contour
Measuring Instruments
SURFCOM · CONTOURECORD Option
81
TOKYO SEIMITSU


Similar Part No. - DM59103

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM5900 DAVICOM-DM5900 Datasheet
63Kb / 3P
1-Channel Video Decoder
DM5960 DAVICOM-DM5960 Datasheet
67Kb / 3P
1-Channel 960H Video Decoder
More results

Similar Description - DM59103

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1501 MITSUMI-MM1501 Datasheet
352Kb / 14P
Video Switch 쨌 75??driver 쨌 Y/C mix
logo
Schurter Inc.
UMF250 SCHURTER-UMF250 Datasheet
472Kb / 2P
IEC 60127-4 쨌 250 VAC 쨌 125 VDC 쨌 Quick-Acting F
0070.1111.A2 SCHURTER-0070.1111.A2 Datasheet
933Kb / 7P
11 - 95 VAC 쨌 250 - 10000 A 쨌 5 - 20 mm
0071.1221.B1 SCHURTER-0071.1221.B1 Datasheet
1Mb / 8P
120 - 360 VAC 쨌 800 - 13000 A 쨌 5 - 25 mm
3413.0002.XX SCHURTER-3413.0002.XX Datasheet
476Kb / 2P
UL 248-14 쨌 125 VAC 쨌 63 VDC 쨌 Super-Quick-Acting FF
logo
DB Lectro Inc
MS-228-4 DBLECTRO-MS-228-4 Datasheet
52Kb / 2P
Form C Reed Sensor 쨌 M8 thread
MS-228-6 DBLECTRO-MS-228-6 Datasheet
54Kb / 2P
Mains switching Reed Sensor 쨌 M8 thread
MS-324-4 DBLECTRO-MS-324-4 Datasheet
57Kb / 2P
Form C Reed Sensor 쨌 Flatpack
MS-328-4 DBLECTRO-MS-328-4 Datasheet
54Kb / 2P
Form C Reed Sensor 쨌 Flatpack
logo
Schurter Inc.
UMT-H SCHURTER-UMT-H Datasheet
475Kb / 3P
UL 248-14 쨌 277 VAC 쨌 250 VDC 쨌 Time-Lag T
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com