Electronic Components Datasheet Search
  English  ▼

X  

FXT458 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # FXT458
Description  NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FXT458 Datasheet(HTML) 1 Page - Zetex Semiconductors

  FXT458 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NPN SILICON PLANAR MEDIUM POWER
HIGH VOLTAGE TRANSISTOR
ISSUE 1 – SEPTEMBER 1994
FEATURES
* 400 Volt VCEO
* 0.5 Amp continuous current
*Ptot= 1 Watt
REFER TO ZTX458 FOR GRAPHS
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
400
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
5V
Continuous Collector Current
IC
300
mA
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +200
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
400
V
IC=100µA
Collector-Emitter
Breakdown Voltage
VCEO(sus) 400
V
IC=10mA*
Emitter-Base
Breakdown Voltage
V(BR)EBO
5V
IE=100µA
Collector Cut-Off
Current
ICBO
100
nA
VCB=320V
Collector Cut-Off
Current
ICES
100
nA
VCE=320V
Emitter Cut-Off Current IEBO
100
nA
VEB=4V
Collector-Emitter
Saturation Voltage
VCE(sat)
0.2
0.5
V
V
IC=20mA, IB=2mA
IC=50mA, IB=6mA
Base-Emitter
Saturation Voltage
VBE(sat)
0.9
V
IC=50mA, IB=5mA
Base-Emitter
Turn On Voltage
VBE(on)
0.9
V
IC=50mA, VCE=10V
Static Forward Current
Transfer Ratio
hFE
100
100
15
300
IC=1mA, VCE=10V
IC=50mA, VCE=10V
IC=100mA, VCE=10V*
Transition Frequency
fT
50
MHz
IC=10mA, VCE=20V
f=20MHz
Collector-Base
Breakdown Voltage
Cobo
5pF
VCB=20V, f=1MHz
E-Line
TO92 Compatible
3-35
FXT458
B
C
E


Similar Part No. - FXT458

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FXT450 ZETEX-FXT450 Datasheet
26Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FXT451 ZETEX-FXT451 Datasheet
29Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FXT453 ZETEX-FXT453 Datasheet
36Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FXT455 ZETEX-FXT455 Datasheet
29Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
More results

Similar Description - FXT458

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX658A ZETEX-FCX658A Datasheet
75Kb / 4P
NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
ZTX457 ZETEX-ZTX457 Datasheet
35Kb / 1P
NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
ZTX658 ZETEX-ZTX658 Datasheet
58Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
FCX658A KEXIN-FCX658A Datasheet
54Kb / 2P
NPN Silicon Planar Medium Power High Voltage Transistor
logo
Diodes Incorporated
ZTX458 DIODES-ZTX458 Datasheet
62Kb / 2P
NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
MARCH 1994
ZTX658 DIODES-ZTX658 Datasheet
124Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
APRIL 2002
ZTX658STOA DIODES-ZTX658STOA Datasheet
124Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
APRIL 2002
logo
List of Unclassifed Man...
ZTX658STZ ETC2-ZTX658STZ Datasheet
124Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
ZTX457 DIODES-ZTX457_15 Datasheet
46Kb / 1P
NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
MARCH 1994
ZTX658 DIODES-ZTX658_15 Datasheet
124Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
APRIL 2002
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com