Electronic Components Datasheet Search
  English  ▼

X  

2N5038 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N5038
Description  NPN HIGH POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5038 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N5038 Datasheet HTML 1Page - Microsemi Corporation 2N5038 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N5038, 2N5039, JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(2)
Forward-Current Transfer Ratio
IC = 0.5 Adc, VCE = 5.0 Vdc
2N5038
2N5039
IC = 2.0 Adc, VCE = 5.0 Vdc
2N5038
2N5039
IC = 12 Adc, VCE = 5.0 Vdc
2N5038
IC = 10 Adc, VCE = 5.0 Vdc
2N5039
hFE
50
30
50
30
15
15
200
150
Collector-Emitter Saturation Voltage
IC = 12 Adc, IB = 1.2 Adc
2N5038
IC = 10 Adc, IB = 1.0 Adc
2N5039
IC = 20 Adc, IB = 5.0 Adc
Both
VCE(sat)
1.0
1.0
2.5
Vdc
Base-Emitter Saturation Voltage
IC = 20 Adc, IB = 5.0 Adc
VBE(sat)
3.3
Vdc
Base-Emitter Voltage
IC = 12 Adc, VCE = 5.0 Vdc
2N5038
IC = 10 Adc, VCE = 5.0 Vdc
2N5039
VBE
1.8
1.8
Vdc
DYNAMIC CHARACTERISTICS
Forward Current Transfer Ratio
IC = 2.0 Adc, VCE = 10 Vdc, f = 5.0 MHz
h
FE
12
48
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
500
pF
SWITCHING CHARACTERISTICS
Turn-On Time
VCC = 30 ± 2 Vdc; IC = 12 Adc; IB1= 1.2 Adc
2N5038
VCC = 30 ± 2 Vdc; IC = 10 Adc; IB1= 1.0 Adc
2N5039
ton
0.5
µs
Turn-Off Time
VCC = 30 ± 2 Vdc; IC = 12 Adc; IB1 = -IB2 = 1.2 Adc
2N5038
VCC = 30 ± 2 Vdc; IC = 10 Adc; IB1 = -IB2 = 1.0 Adc
2N5039
toff
2.0
µs
SAFE OPERATING AREA
DC Tests
TC = +25
0C, 1 Cycle, t = 1.0 s
Test 1
VCE = 28 Vdc, IC = 5.0 Adc
Test 2
VCE = 45 Vdc, IC = 0.9 Adc
Test 3
VCE = 7.0 Vdc, IC = 20 Adc
Test 4
VCE = 90 Vdc, IC = 0.23 Adc
2N5038
Test 4
VCE = 75 Vdc, IC = 0.32 Adc
2N5039
(2) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com