Electronic Components Datasheet Search
  English  ▼

X  

MSM7617 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM7617
Description  2-Channel Echo Canceler
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7617 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM7617 Datasheet HTML 4Page - OKI electronic componets MSM7617 Datasheet HTML 5Page - OKI electronic componets MSM7617 Datasheet HTML 6Page - OKI electronic componets MSM7617 Datasheet HTML 7Page - OKI electronic componets MSM7617 Datasheet HTML 8Page - OKI electronic componets MSM7617 Datasheet HTML 9Page - OKI electronic componets MSM7617 Datasheet HTML 10Page - OKI electronic componets MSM7617 Datasheet HTML 11Page - OKI electronic componets MSM7617 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
8/28
¡ Semiconductor
MSM7617
Pin
Symbol
Type
Description
22
ROUT1
O
PCM data output pin. Output signal changes depending on the setting of
the IOM pins (refer to the block diagram).
Data is always output on the rising edge of SCK. This pin becomes high
impedance while there is no data or during reset.
In 2-channel parallel I/O mode, this pin becomes ROUT for channel 1 and
outputs the PCM signal synchronous with SYNC1. In 2-channel serial I/O
mode, this pin outputs the ROUT signal as a multiplexed PCM signal of ROUT
signals for channel 1 and channel 2 synchronous with SYNC1.
In 1-channel cross-connected mode, this pin becomes the cross-connected
ROUT pin for channel 1, and outputs the PCM signal synchronous with SYNC1.
23
RIN1
I
PCM data input pin. Pin use changes depending on the setting of the IOM
pins (refer to the block diagram).
In 2-channel parallel I/O mode, this pin becomes RIN for channel 1 and
inputs the PCM signal synchronous with SYNC1. In 2-channel serial I/O
mode, this pin sequentially inputs RIN as a multiplexed PCM signal from
channel 1 and channel 2 synchronous with SYNC1. In 1-channel cross-
connected mode, this pin is not used, and should be fixed at "L".
Data is captured on the falling edge of SCK.
20
SIN1
I
PCM data input pin. Pin use changes depending on the setting of the IOM
pins (refer to the block diagram).
In 2-channel parallel I/O mode, this pin becomes SIN for channel 1 and
inputs the PCM signal synchronous with SYNC1. In 2-channel serial I/O
mode, this pin sequentially inputs SIN as a multiplexed PCM signal from
channel 1 and channel 2 synchronous with SYNC1. In 1-channel cross-
connected mode, this pin becomes the cross-connected SIN pin for channel
1, and inputs the PCM signal synchronous with SYNC1.
Data is captured on the falling edge of SCK.
PIN DESCRIPTIONS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com