Electronic Components Datasheet Search
  English  ▼

X  

BC857A Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # BC857A
Description  PNP General Purpose Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

BC857A Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  BC857A Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. BC857A Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. BC857A Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. BC857A Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC857A/BC857B/BC857C
PNP General Purpose Amplifier
www.artschip.com
2
Electrical Characteristics
TA=25℃ unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
Ic=10mA, IB=0
45
V
V(BR)CBO
Collector-Base Breakdown Voltage
Ic=10µA, IE=0
50
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE=1.0µA, IC=0
5.0
V
ICBO
Collector-Cutoff Current
VCB=30V
VCB=30V, TA=150
℃
15
4.0
nA
µA
ON CHARACTERISTICS
hFE
DC Current Gain
Ic=2.0mA, VCE=5.0V
BC857A
BC857B
BC857C
125
220
420
250
475
800
VCE(sat)
Collector-Emitter Saturation Voltage
Ic=10mA,IB=0.5mA
Ic=100mA, IB=5.0mA
0.3
0.65
V
V`
VBE(on)
Base-Emitter On Voltage
Ic=2.0mA, VCE=5.0V
Ic=10mA, VCE=5.0V
0.6
0.75
0.82
V
V
SMALL SIGNAL CHARACTERISTICS
fT
Current Gain –Bandwidth Product
Ic=10mA, VCE=5.0,
f=100mHz
100
MHz
Cobo
Output Capacitance
VCB=10V, f=1.0MHz
4.5
pF
NF
Noise Figure
Ic=0.2mA, VCE=5.0,
Rs=2.0k
Ω,f=1.0kHz,
BW=200Hz
10
dB
Typical Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com