Electronic Components Datasheet Search
  English  ▼

X  

CY62256 Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # CY62256
Description  Static RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

CY62256 Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  CY62256 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. CY62256 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. CY62256 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. CY62256 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. CY62256 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. CY62256 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. CY62256 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. CY62256 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. CY62256 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CY62256
www.artschip.com
2
Product Portfolio
Vcc Range (V)
Power Dissipation
Operating, Icc (mA)
Standby, ISB2(µA)
Product
Min.
Typ.[2]
Max.
Speed
(ns)
Typ.[2]
Max.
Typ.[2]
Max.
CY62256
Commercial
70
28
55
1
5
CY62256L
Com’l / Ind’l
55/70
25
50
2
50
CY62256LL
Commercial
70
25
50
0.1
5
CY62256LL
Industrial
55/70
25
50
0.1
10
CY62256LL
Automotive
4.5
5.0
5.5
55
25
50
0.1
15
Pin Configurations
Pin Definitions
Pin Number
Type
Description
1-10,21,23-26
Input
A0-A14. Address Inputs
11-13,15-19,
Input/Output
I/O0-I/O7. Data lines. Used as input or output lines depending on operation
27
Input/Control
. When selected Low, a WRITE is conducted. When selected HIGH, a READ is
conducted
20
Input/Control
. When LOW, selects the chip. When HIGH, deselects the chip
22
Input/Control
. Output Enable. Controls the direction of the I/O pins. When LOW, the I/O pins
behave as outputs. When deasserted HIGH, I/O pins are three-stated, and act as
input data pins
14
Ground
GND. Ground for the device
28
Power Supply
Vcc. Power supply for the device
Notes:
2. Typical specifications are the mean values measured over a large sample size across normal production process variations and are
taken at nominal conditions (TA = 25℃, Vcc), Parameters are guaranteed by design and characterization, and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com