Electronic Components Datasheet Search
  English  ▼

X  

DS1244P Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # DS1244P
Description  NV SRAM with Phantom Clock
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

DS1244P Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  DS1244P Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1244P Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1244P Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1244P Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1244P Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1244P Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1244P Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1244P Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1244P Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DS1244/DS1244P
256k NV SRAM
with Phantom Clock
www.artschip.com
1
FEATURES
Real-time clock (RTC) keeps track of hundredths of
seconds, minutes, hours, days, date of the month, months,
and years.
32k x 8 NV SRAM directly replaces volatile static RAM or
EEPROM
Embedded lithium energy cell maintains calendar operation
and retains RAM data
Watch function is transparent to RAM operation
Month and year determine the number of days in each
month; valid up to 2100
Full 10% operating range
Operating temperature range: 0
℃ to +70℃
Over 10 years of data retention in the absence of power
Lithium energy source is electrically disconnected to retain
freshness until power is applied for the first time
DIP module only
Standard 28-pin JEDEC pinout
PowerCap
®
module board only
- Surface mountable package for direct
connection to PowerCap containing
battery and crystal
-Replaceable battery (PowerCap)
-Pin-for-pin compatible with DS1248P
and DS1251P
Underwriters Laboratory (UL) recognized
PIN ASSIGNMENT (Top View)
DS2144P
34-Pin PowerCap Module
(Uses DS9034PCX PowerCap)
PIN DESCRIPTION
A0-A14
-Address Inputs
-Chip Enable
-Output Enable
-Write Enable
Vcc
-Power-Supply Input
GND
-Ground
DQ0-DQ7
-Data In/Data Out
N.C.
-No Connection
X1, X2
-Crystal Connection
VBAT
-Battery Connection
-Reset
TYPICAL OPERATING CIRCUIT


Similar Part No. - DS1244P

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1244P DALLAS-DS1244P Datasheet
288Kb / 19P
256k NV SRAM with Phantom Clock
More results

Similar Description - DS1244P

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1243Y DALLAS-DS1243Y Datasheet
349Kb / 13P
64K NV SRAM with Phantom Clock
DS1248 DALLAS-DS1248 Datasheet
285Kb / 21P
1024k NV SRAM with Phantom Clock
DS1251 DALLAS-DS1251 Datasheet
291Kb / 22P
4096k NV SRAM with Phantom Clock
DS1244Y DALLAS-DS1244Y Datasheet
94Kb / 12P
256K NV SRAM with Phantom Clock
DS1251Y DALLAS-DS1251Y Datasheet
93Kb / 12P
4096K NV SRAM with Phantom Clock
logo
Maxim Integrated Produc...
DS1243Y MAXIM-DS1243Y Datasheet
521Kb / 14P
64K NV SRAM with Phantom Clock
Rev 11/11
DS1248 MAXIM-DS1248 Datasheet
631Kb / 19P
1024K NV SRAM with Phantom Clock
Rev 11/11
logo
ARTSCHIP ELECTRONICS CO...
DS1243Y ARTSCHIP-DS1243Y Datasheet
309Kb / 11P
NV SRAM with Phantom Clock
DS1248 ARTSCHIP-DS1248 Datasheet
358Kb / 15P
NV SRAM with Phantom Clock
DS1251 ARTSCHIP-DS1251 Datasheet
586Kb / 18P
NV SRAM with Phantom Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com