Electronic Components Datasheet Search
  English  ▼

X  

DS1248 Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # DS1248
Description  NV SRAM with Phantom Clock
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

DS1248 Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  DS1248 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1248 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1248 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1248 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1248 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1248 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1248 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1248 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1248 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DS1248/DS1248P
1024K NV SRAM with Phantom Clock
www.artschip.com
2
ORDERING INFORMATION
PART
TEMP RANGE
Vcc RANGE
PIN-PACKAGE
TOP MARK***
DS1248Y-70
0
℃ to +70℃
5V ±10%
32 EDIP
DS1248Y-70
DS1248Y-70IND
-40
℃ to +85℃
5V ±10%
32 EDIP
DS1248Y-70 IND
DS1248Y-100IND
-40
℃ to +85℃
5V±10%
32 EDIP
DS1248Y-100 IND
DS1248YP-70
0
℃ to +70℃
5V±10%
34 PowerCap*
DS1248YP-70
DS1248W-120
0
℃ to +70℃
3.3V±10%
32 EDIP
DS1248W-120
DS1248W-120IND
-40
℃ to +85℃
3.3V ±10%
32 EDIP
DS1248W-120 IND
DS1248WP-120
0
℃ to +70℃
3.3V±10%
34 PowerCap*
DS1248WP-120
DS1248WP-120IND
-40
℃ to +85℃
3.3V±10%
34 PowerCap*
DS1248WP-120**
DS1248Y-70+
0
℃ to +70℃
5V ±10%
32 EDIP
DS1248Y-70
DS1248Y-70IND+
-40
℃ to +85℃
5V ±10%
32 EDIP
DS1248Y-70 IND
DS1248Y-100IND+
-40
℃ to +85℃
5V ±10%
32 EDIP
DS1248W-100 IND
DS1248YP-70+
0
℃ to +70℃
5V ±10%
34 PowerCap*
DS1248Y-70
DS1248W-120+
0
℃ to +70℃
3.3V±10%
32 EDIP
DS1248W-120
DS1248W-120IND+
-40
℃ to +85℃
3.3V±10%
32 EDIP
DS1248W-120 IND
DS1248W-120+
0
℃ to +70℃
3.3V±10%
34 PowerCap*
DS1248W-120
DS1248W-120IND+
-40
℃ to +85℃
3.3V±10%
34 PowerCap*
DS1248WP-120**
*DS9034PCX (PowerCap) Required, order separately.
**An “IND” is located in the lower right-hand corner of the label.
***A ‘+’ indicates lead-free. The top mark will include a “+” symbol on lead-free devices.
DETAILED DESCRIPTION
The DS1248 1024k NV SRAM with phantom clock is a fully static, nonvolatile RAM (organized as 128k words by 8 bits) with a
built-in real-time clock. The DS1248 has a self-contained lithium energy source and control circuitry, which constantly monitors
Vcc for an out-of-tolerance condition. When such a condition occurs, the lithium energy source is automatically switched on and
writes protection is unconditionally enabled to prevent garbled data in both the memory and real-time clock.
PACKAGES
The DS1248 is available in two packages:32-pin DIP and 34-pin PowerCap module. The 32-pin DIP style module integrates the
crystal, lithium energy source, and silicon in one package. The 34-pin PowerCap module board is designed with contacts for
connection to a separate PowerCap (DS9034PCX) that contains the crystal and battery. This design allows the PowerCap to be
mounted on top of the DS1248P after completion of the surface mount process. Mounting the PowerCap after the surface mount
process prevents damage to the crystal and battery because of the high temperatures required for solder reflow. The PowerCap is
keyed to prevent reverse insertion. The PowerCap module board and PowerCap are ordered separately and shipped in separate
containers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com