Electronic Components Datasheet Search
  English  ▼

X  

DS1302 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # DS1302
Description  Trickle Charge Timekeeping Chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

DS1302 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  DS1302 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DS1302
Trickle Charge Timekeeping Chip
www.artschip.com
1
FEATURES
Real time clock counts seconds, minutes hours, date of the
month, month, day of the week, and year with leap year
compensation valid up to 2100
31 x 8 RAM for scratchpad data storage
Serial I/O for minimum pin count
2.0-5.5V full operation
Uses less than 300nA at 2.0V
Single –byte or multiple-byte (burst mode) data transfer for
read or write of clock or RAM data
8-pin DIP or optional 8-pin SOICs for surface mount
Simple 3-wire interface
TTL-compatible (Vcc=5V)
Optional industrial temperature range -40
℃ to +85℃
DS1202 compatible
Recognized by Underwriters Laboratory
ORDERING INFORMATION
PART#
DESCRIPTION
DS1302
8-Pin DIP
DS1302N
8-Pin DIP (Industrial)
DS1302S
8-Pin SOIC (200 mil)
DS1302SN
8-Pin SOIC (Industrial)
DS1302Z
8-Pin SOIC (150 mil)
DS1302ZN
8-Pin SOIC (Industrial)
DS1302S-16
16-Pin SOIC (300 mil)
DS1302SN-16
16-Pin SOIC (Industrial)
PIN ASSIGNMENT
DS1302
8-Pin DIP (300 mil)
DS1302S 8-Pin SOIC (200 mil)
DS1302Z 8-Pin SOIC (150 mil)
16-Pin SOIC
PIN DESCRIPTION
X1,X2
-32.768 kHz Crystal Pins
GND
-Ground
-Reset
I/O
-Data Input/Output
SCLK
-Serial Clock
VCC1, VCC2
-Power Supply Pins
DESCRIPTION
The DS1302 Trickle Charge Timekeeping Chip contains a real time clock/calendar and 31 bytes of static RAM. It communicates
with a microprocessor via a simple serial interface. The real time clock/calendar provides seconds, minutes, hours, day, date,
month, and year information. The end of the month date is automatically adjusted for months with less than 31 days, including
corrections for leap year. The clock operates in either the 24-hour or 12-hour format with an AM/PM indicator.


Similar Part No. - DS1302

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1302 DALLAS-DS1302 Datasheet
217Kb / 14P
Trickle Charge Timekeeping Chip
DS1302 DALLAS-DS1302 Datasheet
649Kb / 16P
Trickle-Charge Timekeeping Chip
logo
Maxim Integrated Produc...
DS1302 MAXIM-DS1302 Datasheet
247Kb / 13P
Trickle-Charge Timekeeping Chip
REV: 120208
logo
Tiger Electronic Co.,Lt...
DS1302 TGS-DS1302 Datasheet
1Mb / 14P
Trickle Charge Timekeeping Chip
logo
SYC Electronica
DS1302 SYC-DS1302 Datasheet
305Kb / 13P
Trickle-Charge Timekeeping Chip
More results

Similar Description - DS1302

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3170 ROHM-BA3170 Datasheet
130Kb / 8P
Trickle-charge IC for two-cell, lithium-ion batteries
logo
Dallas Semiconductor
DS1202 DALLAS-DS1202 Datasheet
100Kb / 11P
Serial Timekeeping Chip
DS1302 DALLAS-DS1302 Datasheet
217Kb / 14P
Trickle Charge Timekeeping Chip
DS1302 DALLAS-DS1302_05 Datasheet
649Kb / 16P
Trickle-Charge Timekeeping Chip
logo
Maxim Integrated Produc...
DS1302 MAXIM-DS1302 Datasheet
247Kb / 13P
Trickle-Charge Timekeeping Chip
REV: 120208
DS1339 MAXIM-DS1339_11 Datasheet
260Kb / 20P
I2C Serial Real-Time Clock Trickle-Charge Capability
Rev 4/11
logo
Tiger Electronic Co.,Lt...
DS1302 TGS-DS1302 Datasheet
1Mb / 14P
Trickle Charge Timekeeping Chip
logo
Monolithic Power System...
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26028 MPS-MP26028 Datasheet
376Kb / 11P
1A Linear Li-Ion Battery Charger with Trickle Charge
MP26060 MPS-MP26060 Datasheet
284Kb / 11P
1A Linear Li-Ion Battery Charger with Trickle Charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com