Electronic Components Datasheet Search
  English  ▼

X  

DS1312 Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # DS1312
Description  Nonvolatile Controller with Lithium Battery Monitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

DS1312 Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  DS1312 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1312 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1312 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1312 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1312 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1312 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1312 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1312 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1312 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DS1312
Nonvolatile Controller with Lithium
Battery Monitor
www.artschip.com
2
MEMEORY BACKUP
The DS1312 performs all the circuit functions required to provide battery-backup for an SRAM. First, the device provides a switch
to direct power from the battery or the system power supply (VCCI). Whenever VCCI is less than the switch point VSW and VCCI is
less than the battery voltage VBAT, the battery is switched in to provide backup power to the SRAM. This switch has voltage drop of
less than 0.2 volts.
Second, the DS1312 handles power failure detection and SRAM write-protection. VCCI is constantly monitored, and when the
supply goes out of tolerance, a precision comparator detects power failure and inhibits chip enable output (
) in order to
write-protect the SRAM. This is accomplished by holding
to within 0.2 volts of Vcco when VCCI is out of tolerance. If
is
(active) low at the time that power failure is detected, the
signal is kept low until
is brought high again. Once
is
brought high,
is taken high and head high until after VCCI has returned to its nominal voltage level. If
is not brought high
by 1.5µs after power failure is detected,
is forced high at that time. This specific scheme for delaying write protection for up
to 1.5µs guarantees that any memory access in progress when power failure occurs will complete properly. Power failure
detection occurs in the range of 4.75 to 4.5 volts (5% tolerance) when the TOL pin is wired to GND or in the range of 4.5 to 4.25
volts (10% tolerance) when TOL is connected to Vcco.
BATTERY VOLTAGE MONITORING
The DS1312 automatically performs periodic battery voltage monitoring at a factory-programmed time interval of 24 hours. Such
monitoring begins within tREC after VCCI rises above VCCTP, and is suspended when power failure occurs.
After each 24-hour period (tBTCN) has elapsed, the DS1312 connects VBAT to an internal 1.2M
Ω test resistor (RINT) for one second
(tBTPW). During this one second, if VBAT falls below the factory-programmed battery voltage trip point (VBTP), the battery warning
output
is asserted. While
is active battery testing will be performed with period tBTCW to detect battery removal and
replacement. Once asserted,
remains active until the battery is physically removed and replaced by a fresh cell. The battery
is still retested after each Vcc power-up, however, even if
was active on power-down. If the battery is found to be higher than
VBTP during such testing,
is deasserted and regular 24-hour testing resumes.
has an open-drain output driver.
Battery replacement following
activation is normally done with VCCI nominal so that SRAM data is not lost. During battery
replacement, the minimum time duration between old battery detachment and new battery attachment (tBDBA) must be met or
will not deactivate following attachment of the new battery. Should
not deactivate for this reason, the new battery can be
detached for tBDBA and then reattached to clear
.
NOTE:
The DS1312 cannot constantly monitor an attached battery because such monitoring would drastically reduce the life of
the battery. As a result, the DS1312 only tests the battery for one second out of every 24 hours and does not monitor the battery in
any way between tests. If a good battery (one that has not been previously flagged with
) is removed between battery tests, the
DS1312 may not immediately sense immediately sense the removal and may not activate
until the next scheduled battery
test. If a battery is then reattached to the DS1312, the battery may not be tested until the next scheduled test.
NOTE:
Battery monitoring is only a useful technique when testing can be done regularly over the entire life of a lithium battery.
Because the DS1312 only performs battery monitoring when Vcc is nominal, systems which are powered-down for excessively
long periods can completely drain their lithium cells without receiving any advanced warning. To prevent such an occurrence,
systems using the DS1312 battery monitoring feature should be powered-up periodically (at least once every few months) is order
to perform battery testing. Furthermore, anytime
is activated on the first battery test after a power-up, data integrity should be
checked via checksum or other technique.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com