Electronic Components Datasheet Search
  English  ▼

X  

DS9034PCX Datasheet(PDF) 8 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # DS9034PCX
Description  Nonvolatile Timekeeping RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

DS9034PCX Datasheet(HTML) 8 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button DS9034PCX Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DS1643/DS1643P
Nonvolatile Timekeeping RAM
www.artschip.com
8
POWER-UP/POWER-DOWN TIMING
CAPACITANCE
(tA=25℃)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Capacitance on all pins
CIN
7
pF
Capacitance on all output pins
CO
10
pF
AC TEST CONDITIONS
Output Load:
100pF +1TTL Gate
Input Pulse Levels:
0.0 to 3.0 Volts
Timing Measurement Reference Levels:
Input: 1.5V
Output: 1.5V
Input Pulse Rise and Fall Times: 5ns
Note:
1.
Voltages are referenced to ground.
2.
Typical values are at 25
℃ and nominal supplies.
3.
Outputs are open.
4.
The CE2 control signal functions exactly the same as the
signal except that the logic levels for active and inactive levels
are opposite.
5.
Data retention time is at 25
℃.
6.
Each DS1643 has a built-in switch that disconnects the lithium source until Vcc is first applied by the user. The expected tDR is
defined for DIP modules as a cumulative time in the absence of Vcc starting from the time power is first applied by the user.
7.
Real-Time clock Modules (DIP) can be successfully processed through conventional wave-soldering techniques as long as
temperatures as long as temperature exposure to the lithium energy source contained within does not exceed +85
℃.
Post-solder cleaning with water washing techniques is acceptable, provided that ultrasonic vibration is not used.
In addition, for the PowerCap:
a.
ARTSCHIP Semiconductor recommends that PowerCap Module bases experience one pass through solder reflow
oriented with the label side up (“live-bug”).
b. Hand soldering and touch-up: Do not touch or apply the soldering iron to leads for more than 3 seconds. To solder, apply
flux to the pad, heat the lead frame pad and apply solder. To remove the part, apply flux, heat the lead frame pad until
the solder reflow and use a solder wick to remove solder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com