Electronic Components Datasheet Search
  English  ▼

X  

95D Datasheet(PDF) 2 Page - Yuan Dean Scientific., Co, LTD.

Part # 95D
Description  DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUANDEAN [Yuan Dean Scientific., Co, LTD.]
Direct Link  http://www.yds.com.tw/index.php?lang=en
Logo YUANDEAN - Yuan Dean Scientific., Co, LTD.

95D Datasheet(HTML) 2 Page - Yuan Dean Scientific., Co, LTD.

  95D Datasheet HTML 1Page - Yuan Dean Scientific., Co, LTD. 95D Datasheet HTML 2Page - Yuan Dean Scientific., Co, LTD. 95D Datasheet HTML 3Page - Yuan Dean Scientific., Co, LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
General Specifications
Parameters
Conditions
Min
Typ
Max
Units
Isolation Resistance
500Vdc
1000
MΩ
Switching Frequency
300
KHz
Operating
Temperature
-40
85
℃
Humidity
Non Condensing
95
%
Cooling
Natural Convection (20LFM)
Case material
Nickel Coated with Non-Conductive Base
Weight
55
g
Dimensions
Package 1
51.4x41.6x12.3
mm
Package 2
51.0x51.0x10.3
mm
Potting Material
Epoxy (UL94V-0 rated)
Radiated Emissions
EN55022
CLASS A
Conducted Emissions
EN55022
CLASS A
Recommended Test Circuit
95D SERIES
Single
Vin
+Vout
GND
-Vout
Cin
Cout
100uF/25V
12V & 24V & 48V:Cin 100uF,100V
YUAN DEAN SCIENTIFIC CO.,LTD
Rev:0 2018/10/31
Part Number
Dual
Vin
+Vout
GND
Cin
Cout
-Vout
Cout
12V :Cin 100uF,25V
24V & 48V:Cin 10uF,100V
COM
100uF/25V
100uF/25V
Output Specifications
Parameters
Conditions
Min
Typ
Max
Units
Voltage Tolerance
Full load@Vin(nom.)
±2
%
Short Circuit
Protection
Hiccup,
automatic recovery
Line Regulation
±0.5
%
Load Regulation
Single(25% to 100% load)
±0.5
%
Load Regulation
Dual(Balance load),
25% to 100% load
±2.0
%
Cross Regulation
Dual (25% to 100% load)
±5.0
%
Ripple & Noise
BW=DC To 20MHz
100
mVp-p
Transient response
setting time
25% load step change
350
us
Suggest adding input external filter(C1,C2,C3,C4,C5,L) to meet conducted emissions (EN55022
class A) requirement for the module . These components should be mounted as close as
possible to the module; and all leads should be minimized to decrease radiated noise.
C2
12V: C1 C2 =330uF/100V
L=12uH
24V.48V: C1 C2 =220uF/100V
L=12uH
C1
+Vin
-Vin
+Vout
-Vout
DC/DC
Converter
Load
L



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com