Electronic Components Datasheet Search
  English  ▼

X  

AD9958 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9958
Description  2-Channel 500 MSPS DDS with 10-Bit DACs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9958 Datasheet(HTML) 4 Page - Analog Devices

  AD9958 Datasheet HTML 1Page - Analog Devices AD9958 Datasheet HTML 2Page - Analog Devices AD9958 Datasheet HTML 3Page - Analog Devices AD9958 Datasheet HTML 4Page - Analog Devices AD9958 Datasheet HTML 5Page - Analog Devices AD9958 Datasheet HTML 6Page - Analog Devices AD9958 Datasheet HTML 7Page - Analog Devices AD9958 Datasheet HTML 8Page - Analog Devices AD9958 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
AD9958
Rev. 0 | Page 4 of 40
SPECIFICATIONS
AVDD and DVDD = 1.8 V ± 5%; DVDD_I/O = 3.3 V ± 5%; RSET = 1.91 kΩ; external reference clock frequency = 500 MSPS (REF_CLK
multiplier bypassed), unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REF CLOCK INPUT CHARACTERISTICS
See
Figure 33 and Figure 34
Frequency Range
REF_CLK Multiplier Bypassed
1
500
MHz
REF_CLK Multiplier Enabled
10
125
MHz
Internal VCO Output Frequency Range
VCO Gain Bit Set High1
255
500
MHz
Internal VCO Output Frequency Range
VCO Gain Bit Set Low1
100
160
MHz
Crystal REF_CLK Source Range
20
30
MHz
Input Power Sensitivity
−5
3
dBm
Measured at the pin (single-ended)
Input Voltage Bias Level
1.15
V
Input Capacitance
2
pF
Input Impedance
1500
Ω
Duty Cycle w/REF_CLK Multiplier Bypassed
45
55
%
Duty Cycle w/REF_CLK Multiplier Enabled
35
65
%
CLK Mode Select (Pin 24) Logic 1 Voltage
1.25
1.8
V
1.8V digital input logic
CLK Mode Select (Pin 24) Logic 0 Voltage
0.5
V
1.8 V digital input logic
DAC OUTPUT CHARACTERISTICS
Must be referenced to AVDD
Resolution
10
Bits
Full-Scale Output Current
1.25
10
mA
Gain Error
−10
10
%FS
Channel-to-Channel Output Amplitude Matching Error
–2.5
2.5
%
Output Current Offset
1
25
µA
Differential Nonlinearity
±0.5
LSB
Integral Nonlinearity
±1.0
LSB
Output Capacitance
3
pF
Voltage Compliance Range
AVDD – 0.50
AVDD + 0.50
V
Channel-to-Channel Isolation
72
dB
DAC supplies tied together
(see
Figure 21)
WIDEBAND SFDR
The frequency range for wideband SFDR
is defined as dc to Nyquist
1 to 20 MHz Analog Out
−65
dBc
20 to 60 MHz Analog Out
−62
dBc
60 to 100 MHz Analog Out
−59
dBc
100 to 150 MHz Analog Out
−56
dBc
150 to 200 MHz Analog Out
−53
dBc
NARROWBAND SFDR
1.1 MHz Analog Out (
±10 kHz)
−90
dBc
1.1 MHz Analog Out (
±50 kHz)
−88
dBc
1.1 MHz Analog Out (
±250 kHz)
−86
dBc
1.1 MHz Analog Out (
±1 MHz)
−85
dBc
15.1 MHz Analog Out (
±10 kHz)
−90
dBc
15.1 MHz Analog Out (
±50 kHz)
−87
dBc
15.1 MHz Analog Out (
±250 kHz)
−85
dBc
15.1 MHz Analog Out (
±1 MHz)
−83
dBc
40.1 MHz Analog Out (
±10 kHz)
−90
dBc
40.1 MHz Analog Out (
±50 kHz)
−87
dBc
40.1 MHz Analog Out (
±250 kHz)
−84
dBc
40.1 MHz Analog Out (
±1 MHz)
−82
dBc
75.1 MHz Analog Out (
±10 kHz)
−87
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com