Electronic Components Datasheet Search
  English  ▼

X  

ADR512 Datasheet(PDF) 2 Page - Analog Devices

Part # ADR512
Description  1.2 V Precision Low Noise Shunt Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR512 Datasheet(HTML) 2 Page - Analog Devices

  ADR512 Datasheet HTML 1Page - Analog Devices ADR512 Datasheet HTML 2Page - Analog Devices ADR512 Datasheet HTML 3Page - Analog Devices ADR512 Datasheet HTML 4Page - Analog Devices ADR512 Datasheet HTML 5Page - Analog Devices ADR512 Datasheet HTML 6Page - Analog Devices ADR512 Datasheet HTML 7Page - Analog Devices ADR512 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. 0
–2–
ADR512–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
1
VO
1.1965 1.2
1.2035
V
Initial Accuracy
VOERR
–3.5
+3.5
mV
VOERR%
–0.3
+0.3
%
Temperature Coefficient A Grade
TCVO
–40
°C < T
A < +85
°C60
ppm/
°C
Output Voltage Change vs. IIN
∆V
R
IIN = 0.1 mA to 10 mA
3
mV
Dynamic Output Impedence
(
∆VR/∆IR)IIN = 1 mA ±100 µA
0.3
Ω
Minimum Operating Current
IIN
–40
°C < T
A < +85
°C
100
µA
Voltage Noise
eN p-p
f = 0.1 Hz to 10 Hz
4
µV p-p
Turn-On Settling Time
2
tR
To within 0.1% of Output
10
µs
Output Voltage Hysteresis
VO_HYS
50
ppm
NOTES
1The forward diode voltage characteristic at –1 mA is typically 0.65 V.
2Measured without a load capacitor.
Specifications subject to change without notice.
(IIN = 100 A to 10 mA @ TA = 25 C, unless otherwise noted.)
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADR512 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
*
Reverse Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 mA
Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Storage Temperature Range
RT Package . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range . . . . . . . . . . . . –40
°C to +85°C
Junction Temperature Range
RT Package . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 60 Sec) . . . . . . . . 300
°C
*Absolute maximum ratings apply at 25
°C, unless otherwise noted. Stresses above
those listed under Absolute Maximum Ratings may cause permanent damage to
the device. This is a stress rating only; functional operation of the device at these
or any other conditions above those indicated in the operational section of this
specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Package Type
1
JA
2
JC
Unit
3-SOT-23 (RT)
230
146
°C/W
NOTES
1Package power dissipation = (T
JMAX – TA)/
θ
JA.
2
θ
JA is specified for worst-case conditions, i.e.,
θ
JA is specified for
device soldered.
ORDERING GUIDE
Output
Initial
Temperature
Number
Voltage
Accuracy
Coefficient
Package
Package
of Parts
Temperature
Model
(VO)(mV) (%)
(ppm/ C)
Description
Option
Branding per Reel
Range
ADR512ART-REEL7 1.2
3.5
0.3
60
SOT-23
RT-3
RGA
3,000
–40
°C to +85°C
ADR512ART-R2
1.2
3.5
0.3
60
SOT-23
RT-3
RGA
250
–40
°C to +85°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com