Electronic Components Datasheet Search
  English  ▼

X  

ES3B Datasheet(PDF) 2 Page - Anova Technologies CO., LTD.

Part # ES3B
Description  Surface Mount Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANOVA [Anova Technologies CO., LTD.]
Direct Link  https://www.anova-semi.com/index_en.php
Logo ANOVA - Anova Technologies CO., LTD.

ES3B Datasheet(HTML) 2 Page - Anova Technologies CO., LTD.

  ES3B Datasheet HTML 1Page - Anova Technologies CO., LTD. ES3B Datasheet HTML 2Page - Anova Technologies CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ES3B-ES3J
www.anova-semi.com
Revision: A
Jun-25-2010
P. 2
AMBIENT TEMPERATURE , (℃)
AVERAGE FORWARD CURRENT, (A)
20
3
58
3
1
128
150
0
2
103
5
75
10
56
20
41
50
26
100
18
Fig. 1 - Forward Current Derating Curve
1
0.1
0.85
0.1
0.96
0.1
1
60
1
37
1
0.7
0.9
0.3
1
0.25
2
48
2
30
1
2.8
1
1.3
1.1
0.65
4
40
4
25
1
6.7
1.2
5
1.2
1.35
10
33
10
21.5
1
20.8
1.4
12
1.3
2.3
20
30
20
20
1
42
1.6
22
1.4
3.5
100
28.5
100
19.2
2
69
1.8
32
1.6
7
2
100
2
38
1.8
10
2
12
Fig. 3 - Typical Forward Characteristics
Ratings and Characteristics Curves (TA=25℃ unless otherwise noted)
Fig. 2 - Peak Forward Surge Current
Fig.4 - Typical Junction Capacitance
0.0
0.5
1.0
1.5
2.0
2.5
3.0
20
40
60
80
100
120
140
160
Ambient Temperature , (℃)
Single phase half wave
resistive or inductive load
0
30
60
90
120
150
1
10
100
Number of Cycles at 60 Hz
Pulse width 8.3 ms
single half-sine-wave
0.1
1
10
100
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Instantaneous Forward Voltage , (V)
ES3B to ES3D
ES3J
ES3G
TJ = 25℃
Pulse width = 300us
10
100
1
10
100
Reverse Voltage , (V)
ES3B to ES3G
ES3J
TJ= 25℃
f = 1MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com