Electronic Components Datasheet Search
  English  ▼

X  

SA5.0 Datasheet(PDF) 2 Page - Anova Technologies CO., LTD.

Part # SA5.0
Description  Axial Lead Transient Voltage Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANOVA [Anova Technologies CO., LTD.]
Direct Link  https://www.anova-semi.com/index_en.php
Logo ANOVA - Anova Technologies CO., LTD.

SA5.0 Datasheet(HTML) 2 Page - Anova Technologies CO., LTD.

  SA5.0 Datasheet HTML 1Page - Anova Technologies CO., LTD. SA5.0 Datasheet HTML 2Page - Anova Technologies CO., LTD. SA5.0 Datasheet HTML 3Page - Anova Technologies CO., LTD. SA5.0 Datasheet HTML 4Page - Anova Technologies CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SA Series
www.anova-semi.com
Revision: A
Jun-25 -2010
P. 2
AMBIENT TEMPERATURE , (℃)
AVERAGE FORWARD CURRENT, (A)
0
100
1
70
25
100
100
18
175
0
0
3
0.1
30
73
3
10000
0.22
##
0
5
450
0
0
3500
65
0.2
100
5
450
0.5
76
2200
30
1
50
5
450
1.5
33
2000
6
2
23
5
450
3
13
1700
7
4
10
Fig. 5 - Pulse Waveform
Fig. 6 - Typical Junction Capacitance
Ratings and Characteristics Curves (TA=25℃ unless otherwise noted)
Fig. 1 - Pulse Derating Curve
Fig. 2 - Maximum Non-Repetitive
Surge Current
Fig. 3 - Steady State Power Derating Curve
Fig. 4 - Peak Pulse Power Rating Curve
1
10
100
1000
10000
1
10
100
1000
Reverse Breakdown Voltage,VBR (V)
Bi-directional @VRWM
Uni-directional @VRWM
TJ=25 °C
f=1.0MHz
0.0
1.0
2.0
3.0
0
25
50
75
100
125
150
175
200
Lead Temperature , TL (℃)
0
20
40
60
80
1
10
100
Number of Cycles at 60 Hz
TJ = TJ max.
8.3 ms Single Half Sine-Wave
0
25
50
75
100
0
25
50
75
100
125
150
175
200
Ambient Temperature ,TA (℃)
0
50
100
0
1
2
3
4
Time , (ms)
TJ = 25 °C
Pulse Width (td) is defined as the
point where the peak current
decays to 50 % of Ipp
10/1000 μsec. Waveform
as defined by R.E.A.
Peak Value
(Ipp)
Half Value = Ipp
2
td
Tr=10μs
Bi-directional
@zero bias
Uni-directional
@zero bias
0.1
1
10
100
0.1
1
10
100
1000
10000
Pulse Width ,td (μs)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com