Electronic Components Datasheet Search
  English  ▼

X  

SAC Datasheet(PDF) 1 Page - Anova Technologies CO., LTD.

Part # SAC
Description  Axial Lead Transient Voltage Suppressors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANOVA [Anova Technologies CO., LTD.]
Direct Link  https://www.anova-semi.com/index_en.php
Logo ANOVA - Anova Technologies CO., LTD.

SAC Datasheet(HTML) 1 Page - Anova Technologies CO., LTD.

  SAC Datasheet HTML 1Page - Anova Technologies CO., LTD. SAC Datasheet HTML 2Page - Anova Technologies CO., LTD. SAC Datasheet HTML 3Page - Anova Technologies CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SAC Series
www.anova-semi.com
Revision: A
Jun-25-2010
P. 1
Low Capacitance
Stand-Off Voltage: 5.0 to 50 V
Peak Pulse Power: 500 W
●
●
●
●
●
●
●
●
●
●
●
Note:
Peak pulse current with a 10/1000μs
waveform(Fig.2)(1)
IPP
See Next Table
A
Operating junction and storage temperature range
TJ, TSTG
- 55 to +150
°C
(1)Non-repetitive current pulse per Fig.3 and derated above TA= 25 °C per Fig.2
Peak power dissipation with a 10/1000μs
waveform(1)
PPP
500
W
Power dissipation on infinite heatsink at TL = 75 °
C(Fig.2)
PD
3.0
W
Mounting position: Any
Maximum Ratings(TA=25℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Polarity: Color band denotes TVS cathode end
Mechanical Data
Case: molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Solderable per MIL-STD-750,
method 2026 guranteed
RoHS compliant
Axial Lead
Transient Voltage Suppressors
Features
DO-15
Glass passivated chip
500 W peak pulse power capability
with a 10/1000 μs waveform, repetitive
rate (duty cycle):0.01 %
Low leakage
Excellent clamping capability
Very fast response time
0.033
0.028
[0.84
0.71
]
0.142
0.102
[3.61
2.60
]
MIN
MIN
DIA.
DIA.
Dimensions :
inch [ mm ]
0.300
0.230
[7.63
5.85
]
1.000 [25.40]
1.000 [25.40]


Similar Part No. - SAC

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SAC EIC-SAC Datasheet
38Kb / 2P
LOW CAPACITANCE TRANSIENT VOLTAGE VBR : 5.0 - 50 Volts SUPPRESSOR
logo
Taiwan Semiconductor Co...
SAC TSC-SAC Datasheet
83Kb / 4P
Low Capacitance Transient Voltage Suppressor Diodes
logo
HolyStone International
SAC HOLYSTONECAPS-SAC Datasheet
192Kb / 2P
Tip & Ring Capacitors
logo
MERITEK ELECTRONICS COR...
SAC MERITEK-SAC Datasheet
460Kb / 3P
Transient Voltage Suppressors
logo
Ruilongyuan Electronics...
SAC RUILON-SAC Datasheet
685Kb / 7P
Transient Voltage Suppressors
More results

Similar Description - SAC

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
30KPA28A SOCAY-30KPA28A Datasheet
451Kb / 5P
Axial Lead Transient Voltage Suppressors
logo
Anova Technologies CO.,...
1.5KE ANOVA-1.5KE Datasheet
269Kb / 4P
Axial Lead Transient Voltage Suppressors
3KP ANOVA-3KP Datasheet
393Kb / 4P
Axial Lead Transient Voltage Suppressors
30KPA ANOVA-30KPA Datasheet
249Kb / 3P
Axial Lead Transient Voltage Suppressors
P4KE ANOVA-P4KE Datasheet
352Kb / 4P
Axial Lead Transient Voltage Suppressors
P6KE ANOVA-P6KE Datasheet
267Kb / 4P
Axial Lead Transient Voltage Suppressors
SA5.0 ANOVA-SA5.0 Datasheet
354Kb / 4P
Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
15KPA LUGUANG-15KPA Datasheet
874Kb / 3P
Axial Lead Transient Voltage Suppressors
30KPA LUGUANG-30KPA Datasheet
861Kb / 3P
Axial Lead Transient Voltage Suppressors
12KPA LUGUANG-12KPA Datasheet
816Kb / 3P
Axial Lead Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com