Electronic Components Datasheet Search
  English  ▼

X  

SACA Datasheet(PDF) 1 Page - Anova Technologies CO., LTD.

Part # SACA
Description  Surface Mount Transient Voltage Suppressors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANOVA [Anova Technologies CO., LTD.]
Direct Link  https://www.anova-semi.com/index_en.php
Logo ANOVA - Anova Technologies CO., LTD.

SACA Datasheet(HTML) 1 Page - Anova Technologies CO., LTD.

  SACA Datasheet HTML 1Page - Anova Technologies CO., LTD. SACA Datasheet HTML 2Page - Anova Technologies CO., LTD. SACA Datasheet HTML 3Page - Anova Technologies CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SACA Series
www.anova-semi.com
Revision: B
Dec-29-2015
P. 1
Low Capacitance
Stand-Off Voltage: 5.0 to 50 V
Peak Pulse Power: 500 W
●
●
●
●
●
●
●
●
●
●
●
Note:
Surface Mount
Transient Voltage Suppressors
Features
SMA/ DO-214AC
Glass passivated chip
500 W peak pulse power capability with a
10/1000 μs waveform, repetitive rate (duty
cycle):0.01 %
Low leakage
Excellent clamping capability
Very fast response time
RoHS compliant
Mechanical Data
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Solderable per MIL-STD-750, method
2026 guranteed
Polarity: Color band denotes cathode end
Mounting position: Any
Maximum Ratings(TA=25℃ unless otherwise noted)
Parameter
Symbol
Unit
Peak power dissipation with a 10/1000μs waveform(1)
PPP
W
Power dissipation on infinite heatsink at TL = 75 °C(Fig.2)
PD
W
Peak pulse current wih a 10/1000μs waveform(Fig.2)(1)
IPP
A
Operating junction and storage temperature range
TJ, TSTG
°C
(1)Non-repetitive current pulse per Fig.3 and derated above TA= 25 °C per Fig.2
0.206
0.192
[5.22
4.87
]
0.06
0.03
[1.51
0.75
]
0.008
0.001
[0.20
0.02
]
0.089
0.077
[2.26
1.96
]
0.109
0.099
[2.76
2.51
]
0.064
0.049
[1.63
1.23
]
0.179
0.162
[4.55
4.10
]
Dimensions : inch [ mm ]
0.012
0.006
[0.30
0.15
]
Value
500
3.0
See Next Table
-55 to +150


Similar Part No. - SACA

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
SACA UNSEMI-SACA Datasheet
2Mb / 4P
5.0 To 50V 500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SACA10 UNSEMI-SACA10 Datasheet
2Mb / 4P
5.0 To 50V 500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SACA12 UNSEMI-SACA12 Datasheet
2Mb / 4P
5.0 To 50V 500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SACA15 UNSEMI-SACA15 Datasheet
2Mb / 4P
5.0 To 50V 500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SACA18 UNSEMI-SACA18 Datasheet
2Mb / 4P
5.0 To 50V 500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results

Similar Description - SACA

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Goodwork Semiconductor ...
SMAJ GWSEMI-SMAJ Datasheet
384Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Unisonic Technologies
SMBJXXXXX UTC-SMBJXXXXX Datasheet
232Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMDJXXX UTC-SMDJXXX Datasheet
204Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Nanjing International G...
P4SMA DGNJDZ-P4SMA Datasheet
100Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
P6SMB DGNJDZ-P6SMB Datasheet
99Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ DGNJDZ-SMBJ Datasheet
290Kb / 6P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ DGNJDZ-SMCJ Datasheet
268Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com