Electronic Components Datasheet Search
  English  ▼

X  

ADS5553 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5553
Description  Dual 14 BIT, 65 MSPS Analog-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5553 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS5553 Datasheet HTML 9Page - Texas Instruments ADS5553 Datasheet HTML 10Page - Texas Instruments ADS5553 Datasheet HTML 11Page - Texas Instruments ADS5553 Datasheet HTML 12Page - Texas Instruments ADS5553 Datasheet HTML 13Page - Texas Instruments ADS5553 Datasheet HTML 14Page - Texas Instruments ADS5553 Datasheet HTML 15Page - Texas Instruments ADS5553 Datasheet HTML 16Page - Texas Instruments ADS5553 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADS5553
SLWS158 − FEBRUARY 2005
www.ti.com
13
TYPICAL CHARACTERISTICS
Typical values are at TA = 25°C, AVDD = DRVDD = 3.3 V, differential input amplitude = −1 dBFS, sampling rate = 65 MSPS, unless otherwise
noted
Figure 14
−140
−120
−100
−80
−60
−40
−20
0
0
5
10
15
20
25
30
f − Frequency − MHz
WCDMA CARRIER
fS = 61.4 MSPS
fIN = 70 MHz
PAR = 5 dB
ACPR Adj Top = 76.9 dB
ACPR Adj Low = 75.9 dB
Figure 15
−140
−120
−100
−80
−60
−40
−20
0
0
5
10
15
20
25
30
f − Frequency − MHz
WCDMA CARRIER
fS = 61.4 MSPS
fIN = 170 MHz
PAR = 5 dB
ACPR Adj Top = 73.3 dB
ACPR Adj Low = 74.1 dB
Figure 16
AIN − Input Amplitude − dBFS
−20
0
20
40
60
80
100
120
−90 −80 −70 −60 −50 −40 −30 −20 −10
0
fS = 65 MSPS
fIN = 46 MHz
AC PERFORMANCE
vs
INPUT AMPLITUDE
SNR (dBFS)
SNR (dBc)
SFDR (dBc)
SFDR (dBFS)
Figure 17
AIN − Input Amplitude − dBFS
−20
0
20
40
60
80
100
120
−90 −80 −70 −60 −50 −40 −30 −20 −10
0
fS = 65 MSPS
fIN = 150 MHz
AC PERFORMANCE
vs
INPUT AMPLITUDE
SNR (dBFS)
SNR (dBc)
SFDR (dBc)
SFDR (dBFS)
Figure 18
AIN − Input Amplitude − dBFS
−20
0
20
40
60
80
100
120
−100 −90 −80 −70 −60 −50 −40 −30 −20 −10
0
fS = 65 MSPS
fIN = 225 MHz
AC PERFORMANCE
vs
INPUT AMPLITUDE
SNR (dBFS)
SNR (dBc)
SFDR (dBc)
SFDR (dBFS)
Figure 19
fS − Sampling Rate − MSPS
0.70
0.75
0.80
0.85
0.90
0.95
1.00
10
20
30
40
50
60
70
80
POWER DISSIPATION
vs
SAMPLING RATE
fIN = 46 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com