Electronic Components Datasheet Search
  English  ▼

X  

LDP40A Datasheet(PDF) 3 Page - Anova Technologies CO., LTD.

Part # LDP40A
Description  Automotive Protection Axial Lead Transient Voltage Suppressors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANOVA [Anova Technologies CO., LTD.]
Direct Link  https://www.anova-semi.com/index_en.php
Logo ANOVA - Anova Technologies CO., LTD.

LDP40A Datasheet(HTML) 3 Page - Anova Technologies CO., LTD.

  LDP40A Datasheet HTML 1Page - Anova Technologies CO., LTD. LDP40A Datasheet HTML 2Page - Anova Technologies CO., LTD. LDP40A Datasheet HTML 3Page - Anova Technologies CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LDP Series
www.anova-semi.com
Revision: C
Jul-06-2018
P. 3
Min (V) Max (V) IT (mA)
LDP10A
LDP10CA
11.80
13.0
5
10
10
350.0
17.0
LDP11A
LDP11CA
12.20
13.5
5
10
11
327.0
18.2
LDP12A
LDP12CA
13.30
14.7
5
10
12
300.0
19.9
LDP13A
LDP13CA
14.40
15.9
5
10
13
277.0
21.5
LDP14A
LDP14CA
15.60
17.2
5
10
14
257.0
23.2
LDP15A
LDP15CA
16.70
18.5
5
10
15
245.0
24.4
LDP16A
LDP16CA
17.80
19.7
5
10
16
229.0
26.0
LDP17A
LDP17CA
18.90
20.9
5
10
17
216.0
27.6
LDP18A
LDP18CA
20.00
22.1
5
10
18
204.0
29.2
LDP20A
LDP20CA
22.20
24.5
5
10
20
184.0
32.4
LDP22A
LDP22CA
24.40
26.9
5
10
22
168.0
35.5
LDP26A
LDP26CA
28.90
31.9
5
10
26
142.0
42.1
LDP28A
LDP28CA
31.10
34.4
5
10
28
131.0
45.4
LDP30A
LDP30CA
33.30
36.8
5
10
30
123.0
48.4
LDP33A
LDP33CA
36.70
40.6
5
10
33
112.0
53.3
LDP36A
LDP36CA
40.00
44.2
5
10
36
103.0
58.1
LDP40A
LDP40CA
44.40
49.1
5
10
40
92.50
64.5
LDP43A
LDP43CA
49.00
54.2
5
10
43
86.00
69.4
LDP48A
LDP48CA
53.30
58.9
5
10
48
77.00
77.4
LDP54A
LDP54CA
60.00
66.3
5
10
54
68.50
87.1
LDP58A
LDP58CA
64.40
71.2
5
10
58
64.00
93.6
LDP60A
LDP60CA
68.40
75.6
5
10
60
61.50
96.8
Note:
3. Surge current waveform is defined at 10/1000uS waveform
Electrical Characteristics(TA=25℃ unless otherwise noted)
Part Number
(Uni)
Part Number
(Bi)
Breakdown Voltage VBR @IT
Maximum
Reverse
Leakage IR
@VRWM
(uA)
Working
Peak Reverse
Voltage
VRWM
(V)
Maximum
Reverse
Surge
Current IPP
(A)
Maximum
Clamping
Voltage VC
@IPP
(V)
1. Add suffix ' CA ' after part number to specify Bi-directional devices
2. For Bi-Directional devices having VR of 10 volts, the IR limit is double



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com