Electronic Components Datasheet Search
  English  ▼

X  

LDP20CA Datasheet(PDF) 1 Page - Anova Technologies CO., LTD.

Part # LDP20CA
Description  Automotive Protection Axial Lead Transient Voltage Suppressors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANOVA [Anova Technologies CO., LTD.]
Direct Link  https://www.anova-semi.com/index_en.php
Logo ANOVA - Anova Technologies CO., LTD.

LDP20CA Datasheet(HTML) 1 Page - Anova Technologies CO., LTD.

  LDP20CA Datasheet HTML 1Page - Anova Technologies CO., LTD. LDP20CA Datasheet HTML 2Page - Anova Technologies CO., LTD. LDP20CA Datasheet HTML 3Page - Anova Technologies CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LDP Series
www.anova-semi.com
Revision: C
Jul-06-2018
P. 1
Breakdown Voltage: 12.4 to 72 V
Peak Pulse Power: 6000 W
●
●
●
●
●
●
●
●
●
●
●
●
●
●
Note:
Automotive Protection
Excellent clamping capability
Axial Lead
Transient Voltage Suppressors
Features
R-6/P600
High reliability application and automotive
grade AEC Q101 qualified
Glass passivated chip
6000 W peak pulse power capability with a
10/1000 μs waveform, repetitive rate (duty
cycle):0.01 %
Meets ISO7637-2 5a/5b surge specifications
Low leakage
Uni and Bidirectional unit
Very fast response time
RoHS compliant
Mechanical Data
Case: Molded plastic
Maximum Ratings(TA=25℃ unless otherwise noted)
Epoxy: UL 94V-0 rate flame retardant
Lead: Solderable per MIL-STD-202, method
208 guranteed
Polarity: Color band denotes cathode end
except Bipolar
Mounting position: Any
Parameter
Symbol
Value
Unit
Peak power dissipation with a 10/1000μs waveform(1)
PPP
6000
W
Peak power dissipation with a 10/10,000μs waveform(1)
PPP
2400
W
Peak pulse current wih a 10/1000μs waveform(1)
IPP
See Next Table
A
Power dissipation on infinite heatsink at TL = 75 °C
PD
8.0
W
Peak forward surge current, 8.3 ms single half sine-wave
unidirectional only(2)
IFSM
500
A
Maximum instantaneous forward voltage at 100 A for
unidirectional only
VF
3.5
V
Operating junction and storage temperature range
TJ, TSTG
- 55 to +175
°C
(1)Non-repetitive current pulse per Fig.5 and derated above TA= 25 °C per Fig.1
(2)Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum
MIN
MIN
DIA.
DIA.
Dimensions :
inch [ mm ]
0.360
0.340
[9.148.64]
1.000 [25.40]
1.000 [25.40]
0.052
0.048
[1.321.22]
0.360
0.340
[9.148.64]


Similar Part No. - LDP20CA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
LDP20CA LUGUANG-LDP20CA Datasheet
881Kb / 3P
Automotive Protection Axial Lead Transient Voltage Suppressors
More results

Similar Description - LDP20CA

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
30KPA28A SOCAY-30KPA28A Datasheet
451Kb / 5P
Axial Lead Transient Voltage Suppressors
logo
Anova Technologies CO.,...
1.5KE ANOVA-1.5KE Datasheet
269Kb / 4P
Axial Lead Transient Voltage Suppressors
30KPA ANOVA-30KPA Datasheet
249Kb / 3P
Axial Lead Transient Voltage Suppressors
P4KE ANOVA-P4KE Datasheet
352Kb / 4P
Axial Lead Transient Voltage Suppressors
P6KE ANOVA-P6KE Datasheet
267Kb / 4P
Axial Lead Transient Voltage Suppressors
SA5.0 ANOVA-SA5.0 Datasheet
354Kb / 4P
Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
15KPA LUGUANG-15KPA Datasheet
874Kb / 3P
Axial Lead Transient Voltage Suppressors
30KPA LUGUANG-30KPA Datasheet
861Kb / 3P
Axial Lead Transient Voltage Suppressors
LDP LUGUANG-LDP Datasheet
881Kb / 3P
Automotive Protection Axial Lead Transient Voltage Suppressors
12KPA LUGUANG-12KPA Datasheet
816Kb / 3P
Axial Lead Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com