Electronic Components Datasheet Search
  English  ▼

X  

ATR4258 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATR4258
Description  AM/FM RECEIVER IC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4258 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATR4258 Datasheet HTML 2Page - ATMEL Corporation ATR4258 Datasheet HTML 3Page - ATMEL Corporation ATR4258 Datasheet HTML 4Page - ATMEL Corporation ATR4258 Datasheet HTML 5Page - ATMEL Corporation ATR4258 Datasheet HTML 6Page - ATMEL Corporation ATR4258 Datasheet HTML 7Page - ATMEL Corporation ATR4258 Datasheet HTML 8Page - ATMEL Corporation ATR4258 Datasheet HTML 9Page - ATMEL Corporation ATR4258 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
ATR4258
4838A–AUDR–10/04
Test Mode
A special test mode is implemented for final production test only. This mode is activated
by setting bit 9 = 1. This mode is not intended to be used in customer applications.
For normal operation, bit 9 has to be set to 0. Bit 22 to bit 30 are deactivated in normal
operation mode.
VCO/Local Oscillator
Prescaler
An oscillator circuit is implemented to build a VCO as proposed in the application sche-
matic. The VCO frequency is used to generate the LO frequency of the 1
st mixer stages.
The control voltage of the VCO is usually generated by the PLL circuit U4256BM. The
VCO frequency has a range of 70 MHZ to 250 MHz to allow the reception of all analog
world bands.
A main element of the implemented oscillator circuit is a bipolar NPN transistor. The
internally biased base is connected to pin 13 and the emitter to pin 14. An AGC circuit
(bit 30) can be activated to increase the emitter current until the appropriate oscillation
level is reached. The fundamental emitter current can be changed by bit 52.
In addition (to the AM prescaler) a special VCO prescaler is implemented for all modes
(AM, WB and FM). The divider factor of the prescaler buffer provides the signal of the
buffered output (at pin 16) and the prescaler VCO provides the signal of the 1
st FM mixer
stage and AM prescaler. Examples of VCO prescaler settings are described in section
“Application Information” on page 29.
The divider factor of the VCO and buffer prescaler can be selected according Table 5 on
page 7.
Table 1. Operating Mode
AM/FM/Weather Channel
Bit 93
Bit 92
Bit 63
Bit 62
Standby
0
0
X
X
FM
010
0
AM
101
1
Weather band
1
1
1
0
Table 2. Test Mode
Mode
Bit 9
Normal operation
0
Test mode
1
Table 3. Local Oscillator AGC
Local Oscillator (VCO)
Bit 30
AGC off (default)
0
AGC on
1
Table 4. Local Oscillator Gain
Local Oscillator (VCO)
Bit 52
Low Gain
0
High Gain
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com