Electronic Components Datasheet Search
  English  ▼

X  

EMB07P03V Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EMB07P03V
Description  P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMB07P03V Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EMB07P03V Datasheet HTML 1Page - Excelliance MOS Corp. EMB07P03V Datasheet HTML 2Page - Excelliance MOS Corp. EMB07P03V Datasheet HTML 3Page - Excelliance MOS Corp. EMB07P03V Datasheet HTML 4Page - Excelliance MOS Corp. EMB07P03V Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
 
2015/10/30 
p.4 
EMB07P03V
‐ 6 V
‐ I   ‐ Drain Current( A )
On‐Resistance Variation with Drain Current and Gate Voltage
1.6
0.8
0
1.2
1.0
1.4
10
D
20
2.2
1.8
2.0
2.4
‐ 5 V
V    = ‐ 4.5V
GS
30
40
‐ 7 V
‐ 10 V
50
‐ 4.5V
‐V   ‐ Drain‐Source Voltage( V )
0
0
10
20
DS
1
GS
V  = ‐10V
‐ 6.0V
30
40
50
2
3
On‐Region Characteristics
‐ 5.0V
‐ 7.0V
T   = 125°C
‐ V   ‐ Gate‐Source Voltage( V )
2
0.005
0
0.010
4
GS
T   = 25°C
A
A
0.025
0.015
0.020
0.030
8
610
I   = ‐ 10 A
D
On‐Resistance Variation with Gate‐Source Voltage
I   = ‐ 15 A
T   ‐ Junction Tem perature ( °C )
‐50
0.6
0.8
1.0
J
‐25
0
25
50
D
V     = ‐ 10V
1.2
1.4
1.6
GS
150
100
75
125
On‐Resistance Variation with Tem perature
-V - Gate-Source Voltage( V )
1.5
0
10
GS
22.5
V = - 5V
20
30
40
DS
3.5
34
T = 125°C
A
- 55°C
25°C
Transfer Characteristics
Body Diode Forward Voltage Variation
with Source Current and Temperature
25°C
‐V   ‐ Body Diode Forward Voltage( V )
0.6
0.1
0.0001
0
0.001
0.01
SD
0.2
0.4
V    = 0V
10
1
100
T   = 125°C
A
GS
0.8
1.0
‐55°C
1.2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com