Electronic Components Datasheet Search
  English  ▼

X  

SARD Datasheet(PDF) 1 Page - Sanyou Corporation Limited

Part # SARD
Description  Miniature PCB Automotive Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SARD Datasheet(HTML) 1 Page - Sanyou Corporation Limited

  SARD Datasheet HTML 1Page - Sanyou Corporation Limited SARD Datasheet HTML 2Page - Sanyou Corporation Limited SARD Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
Feature
SANYOU RELAYS
Relays for advanced technology
Model
Nominal Load(Res.)
Max.Switching Current
Contact Capacity
Miniature PCB
SARD-Series
●Max.Switching Capability:35A,Low Power 0.6W/ 0.8W
●Microminiature, Standard PCB Type
●High Vibration and Shock Resistance
SARD
20A 14VDC
35A (14VDC)
30VDC
10,000,000
100,000
Contact Material
Initial Contact Resistance
Operate Time
Release Time
Initial Insulation Resistance
Initial Dielectric Strength
Vibration Resistance
Shock Resistance
Endurance(operations)
Ambient Temperature
Unit Weight
Characteristic Data
Silver Alloy
100mΩ Ma x. (AT 1A/6VDC)
10msec. Max.
5msec. Max.
100MΩ Mi n.(DC500V)
OP/OP: AC500V, 50/60Hz 1min.
IP/OP: AC500V, 50/60Hz 1min.
10~500Hz,NO-10g
10~500Hz,NC-5g
100g Mi n.
20g for NO/11ms.
5g for NC/11ms.
(10,800ops./h)
(720ops./h)
2
2
0.2
2
Res.
Motor
Contact
Voltage
Load Type
Contact Current(A)
Duty Factor
Electrical Endurance
NO
NC
on
(S)
off
(S)
off
on
off
on
_
2x10
14VDC
30
30
2
2
Res.
off
on
20
20
10
10
_
__
40(2)
15(2)
5
1x105
2x105
(1)
Contact Data
Misoperation
Functional
Misoperation
Mechanical
Electrical
-40℃~+125℃ ( no condensation)
ca 6.0g
(1)
Automotive Relay
Max.Switching Voltage
version:V1.4


Similar Part No. - SARD

ManufacturerPart #DatasheetDescription
logo
Sanyou Corporation Limi...
SARDN SANYOU-SARDN Datasheet
176Kb / 3P
Miniature PCB Automotive Relay
SARDN-S-106DB1 SANYOU-SARDN-S-106DB1 Datasheet
176Kb / 3P
Miniature PCB Automotive Relay
SARDN-S-106DB5 SANYOU-SARDN-S-106DB5 Datasheet
176Kb / 3P
Miniature PCB Automotive Relay
SARDN-S-106DM1 SANYOU-SARDN-S-106DM1 Datasheet
176Kb / 3P
Miniature PCB Automotive Relay
SARDN-S-106DM5 SANYOU-SARDN-S-106DM5 Datasheet
176Kb / 3P
Miniature PCB Automotive Relay
More results

Similar Description - SARD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G8QN ETC-G8QN Datasheet
37Kb / 2P
Sub-Miniature Automotive PCB Relay
logo
DB Lectro Inc
HG4234A DBLECTRO-HG4234A Datasheet
49Kb / 2P
Automotive Miniature PCB Power Relay
logo
Omron Electronics LLC
G8NW-2 OMRON-G8NW-2 Datasheet
306Kb / 6P
Ultra-Miniature Automotive PCB Relay
G8QN OMRON-G8QN Datasheet
550Kb / 8P
Miniature Automotive PCB Relay
logo
Picker Components
PC822A PICKER-PC822A Datasheet
179Kb / 2P
Miniature Automotive PCB Power Relay
logo
Willow Technologies Ltd
DG60 WILLOW-DG60 Datasheet
444Kb / 3P
ultra miniature pcb automotive relay
logo
Sanyou Corporation Limi...
SARA SANYOU-SARA Datasheet
88Kb / 3P
Miniature PCB Automotive Relay
SARDN SANYOU-SARDN Datasheet
176Kb / 3P
Miniature PCB Automotive Relay
SARG SANYOU-SARG Datasheet
212Kb / 3P
Miniature PCB Automotive Relay
SARM SANYOU-SARM Datasheet
190Kb / 3P
Miniature PCB Automotive Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com