Electronic Components Datasheet Search
  English  ▼

X  

SARE Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SARE
Description  High Power Automotive Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SARE Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SARE Datasheet HTML 1Page - Sanyou Corporation Limited SARE Datasheet HTML 2Page - Sanyou Corporation Limited SARE Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
SARE
SARE
-S - 1 12
D
M
F
- XX
R
With iron
type
bracket
With plastic
type
bracket
Standard type
Ordering Information
Nomenclature
Outline Dimensions
, Wiring Diagram (Unit :mm)
Cover Type
:Nil-Without bracket, F-With bracket
Contact Form
:Nil-Form C, M-Form A
Coil Power
:D-1.8W/2.0W, L-2.2W
Coil Voltage
(VDC):06, 12, 24
Number of Poles
:1-1 Pole, 2-2 Poles (Form A only)
Protective Construction
: Nil-Dust Cover
SH
-Sealed type washable
Type Designation
:SARE
Accessory Form
:Nil-Without accessory, R-With resistor,D-With
diode
, DC-with diode
Special Parameter
:Nil-Standard type,
Letter or number
-Special requirement
Unless otherwise specified
:
If dimension
<1mm, tolerance: ±0.2mm;
If dimension
1~5mm, tolerance: ±0.3mm;
If dimension
>5mm, tolerance: ±0.4mm.
Note
: 1. Extended terminal dimension is
2. Tolerance of m
h
s
:±0.1mm.
ounting
ole
S-Flux proofed
(see wiring diagram)
dimension before soldering
.
Φ7 & Φ8.3
available
(bottom view)
(bottom view)
(bottom view)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com