Electronic Components Datasheet Search
  English  ▼

X  

SARF Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SARF
Description  High Power Automotive Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SARF Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SARF Datasheet HTML 1Page - Sanyou Corporation Limited SARF Datasheet HTML 2Page - Sanyou Corporation Limited SARF Datasheet HTML 3Page - Sanyou Corporation Limited SARF Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/4
SARF
SARF -S - 1 12 D M
F
- XX
R
1
6
12
24
36
6
12
24
333.33
166.67
83.33
55.56
333.33
166.67
83.33
18
72
288
648
18
72
288
---
---
---
---
180
680
2,700
---
---
---
---
16
65
260
Coil Data (at 20℃)
Ordering Information
Nomenclature
115 % of
nominal
voltage
60 % of
nominal
voltage
10% of
nominal
voltage
Approx
.
2.2W
Approx
.
2.0W
MountingType:Nil-w/t backrest, F-w/ backrest, P-PCB type
Contact Material:Nil-AgSnO2, 1-AgCdO
Contact Form:M-Form A
Coil Power:D-1.6W/1.8W, L-2.0W/2.2W
Coil Voltage (VDC):06, 12, 24, 36
Number of Poles:1-1 Pole
Protective Construction:Nil-Dust protected, S-Flux proofed
Type Designation:SARF
Accessory Form:Nil-Without accessory, R-With resistor,
D-With diode DC-with diode
Special Parameter:Nil-Standard type,
Letter or number-Special requirement
Sensitivity (L)
Nominal
voltage
(VDC)
Parallel
resistance
(Ω)
Equivalent
resistance
(Ω)
Nominal
operating
current
±10% (mA)
Coil
resistance
±10% (Ω)
Pick-up
voltage
(Max.)
Drop-out
voltage
(Min.)
Nominal
operating
power
Max.
Allowable
voltage
Outline Dimensions, Wiring Diagram,
(unit:mm)
Mounting Holes
With backrest type (standard)
8.4
17.9
10.5
87
86
85
30
55
8.4
17.9
10.5
87
86
85
30
55
With backrest type (-15)
NOTES: 1) -15 means that the length of terminal outside of the case is 15 millimetre refering to
outline dimensions .



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com