Electronic Components Datasheet Search
  English  ▼

X  

SEC250 Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SEC250
Description  High Voltage DC Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SEC250 Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SEC250 Datasheet HTML 1Page - Sanyou Corporation Limited SEC250 Datasheet HTML 2Page - Sanyou Corporation Limited SEC250 Datasheet HTML 3Page - Sanyou Corporation Limited SEC250 Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SEC250
2/4
Size
tolerance
Less than 10mm:
±0
.3
10 to 50mm:
±0
.5
More than 50mm:
±0
.8
Ordering Information
Outline Dimensions
Nomenclature
SEC 250 - □ M □ □ □ □ □ □
Type designation
SEC
Load current
250:250A
Contact arrangement
M:1 Form A
Coil voltage
L:12~24VDC
Customer special code
Nil:No customer special requirement
Numbers or Letters:Customer special requirement
Voltage rating
750:12~750VDC
500:12~500VDC
M
ounting height
S:55.8mm
Auxiliary contact arrangement
F:1 Form A
Coil connection type Nil:outgoing line
C:outgoing line+connector
Load connection type
1:connect plate+external thread
3:external thread
Packing quantity:1pcs Inner carton, 10pcs Outer carton



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com