Electronic Components Datasheet Search
  English  ▼

X  

SEP350 Datasheet(PDF) 4 Page - Sanyou Corporation Limited

Part # SEP350
Description  High Voltage DC Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SEP350 Datasheet(HTML) 4 Page - Sanyou Corporation Limited

  SEP350 Datasheet HTML 1Page - Sanyou Corporation Limited SEP350 Datasheet HTML 2Page - Sanyou Corporation Limited SEP350 Datasheet HTML 3Page - Sanyou Corporation Limited SEP350 Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SEP350
4/4
NOTES
●Mounting Attention
1.When installing the relay, always use washers to prevent the screws from loosening.
2.Tighten each screw within the rated range given in the
. Exceeding
outline dimensions
the maximum torque may result in breakage.
3.Avoid mounting the relay in strong magnetic fields (near a transformer or magnet) or
close to an object that radiates heat.
●Electrical Life Attention
1.This relay is a DC high-voltage switch. In its final breakdown mode, it may lose the
ability to provide the proper cut-off.Therefore, do not exceed the indicated switching
capacity and life.
2.Please treat the relay as a product with limited life and replace it when necessary.
3.The contacts of the relay are polarized. Please follow instructions in the connection
schematic when connecting the contacts.
4.Be careful that foreign matter and oils and fats kind, don’t stick to the main terminal
parts because it is likely to cause terminal parts to give off unusual heat. Also, please
use the following specifications of conductor.
2
10A
Min. 2mm nominal cross-sectional area
2
20A
M
in. 3mm nominal cross-sectional area
2
40A
M
in. 10mm nominal cross-sectional area
2
60A
M
in. 15mm nominal cross-sectional area
2
100A
M
in. 35mm nominal cross-sectional area
2
150A
M
in. 45mm nominal cross-sectional area
2
200A
M
in. 60mm nominal cross-sectional area
2
250A
M
in. 80mm nominal cross-sectional area
2
300A
M
in. 100mm nominal cross-sectional area
●Coil Attention
1.Please note that when using a diode, the switching speed may decrease and cause a
reduction in cut-off performance, we recommend installing a surge protector varistor.
2.The pick-up voltage and drop-out voltage will change with ambient temperature,
please use rated voltage to make sure the relay operate reliable. Don’t exceed
maximum coil voltage.
3.The 250A and 300A types have built-in dedicated drive circuit, please drive the coil
with a quick startup (Built-in one-shot pulse generator circuit).
4.After the ON signal enters the 250A and 300A types, automatic coil current switching
occurs after approximately 0.1 seconds.Do not repeatedly turn it OFF within that 0.1
seconds interval, as doing so may damage the relay.
Installation Size Chart
Schematic Diagram
NOTE:The contacts are polarized
Disclaimer:
This datasheet is the customers’reference. All the specification are subject to change without notice.
We could not evaluate all the performance and parameters for every possible application. Thus the users should be in a
right position to choose the suitable product for their own application. If there is any query, please contact Sanyou
for technical service. However it is the users' responsibility to determine which product should be used only.
SANYOU CORPORATION LIMITED. All rights reserved by Sanyou.
Red wire:+
Black wire:-
Load side
Coil side



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com