Electronic Components Datasheet Search
  English  ▼

X  

SET40 Datasheet(PDF) 3 Page - Sanyou Corporation Limited

Part # SET40
Description  Large Power Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SET40 Datasheet(HTML) 3 Page - Sanyou Corporation Limited

  SET40 Datasheet HTML 1Page - Sanyou Corporation Limited SET40 Datasheet HTML 2Page - Sanyou Corporation Limited SET40 Datasheet HTML 3Page - Sanyou Corporation Limited SET40 Datasheet HTML 4Page - Sanyou Corporation Limited SET40 Datasheet HTML 5Page - Sanyou Corporation Limited SET40 Datasheet HTML 6Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SET40-TF
SET40
SET40-T
3/6
Unless otherwise specified:
If dimension <1mm, tolerance: ±0.2mm;
If dimension 1~5mm, tolerance: ±0.3mm;
If dimension >5mm, tolerance: ±0.4mm.
Note: 1. Extended terminal dimension is dimension before soldering.
2. Tolerance of P.C.B. layout:±0.1mm.
Wiring Diagram
P.C.B layout(Bottom view)
Wiring Diagram
P.C.B layout(Bottom view)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com