Electronic Components Datasheet Search
  English  ▼

X  

M29W320ET Datasheet(PDF) 17 Page - STMicroelectronics

Part # M29W320ET
Description  32 Mbit (4Mb x8 or 2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W320ET Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M29W320ET Datasheet HTML 13Page - STMicroelectronics M29W320ET Datasheet HTML 14Page - STMicroelectronics M29W320ET Datasheet HTML 15Page - STMicroelectronics M29W320ET Datasheet HTML 16Page - STMicroelectronics M29W320ET Datasheet HTML 17Page - STMicroelectronics M29W320ET Datasheet HTML 18Page - STMicroelectronics M29W320ET Datasheet HTML 19Page - STMicroelectronics M29W320ET Datasheet HTML 20Page - STMicroelectronics M29W320ET Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
17/46
M29W320ET, M29W320EB
the device enters Extended Block mode where all
Bus Read or Program operations to the Boot Block
addresses access the Extended Block. The Ex-
tended Block (with the same address as the boot
block) cannot be erased, and can be treated as
one-time programmable (OTP) memory. In Ex-
tended Block mode the Boot Blocks are not acces-
sible.
To exit from the Extended Block mode the Exit Ex-
tended Block command must be issued.
The Extended Block can be protected, however
once protected the protection cannot be undone.
Exit Extended Block Command
The Exit Extended Block command is used to exit
from the Extended Block mode and return the de-
vice to Read mode. Four Bus Write operations are
required to issue the command.
Block Protect and Chip Unprotect Commands
Groups of blocks can be protected against acci-
dental Program or Erase. The Protection Groups
are shown in APPENDIX A., Table 20. and Table
21., Block Addresses. The whole chip can be un-
protected to allow the data inside the blocks to be
changed.
Block Protect and Chip Unprotect operations are
described in APPENDIX D.
Table 4. Commands, 16-bit mode, BYTE = VIH
Note: X Don’t Care, PA Program Address, PD Program Data, BA Any address in the Block. All values in the table are in hexadecimal.
The Command Interface only uses A–1, A0-A10 and DQ0-DQ7 to verify the commands; A11-A20, DQ8-DQ14 and DQ15 are Don’t
Care. DQ15A–1 is A–1 when BYTE is VIL or DQ15 when BYTE is VIH.
Command
Bus Write Operations
1st
2nd
3rd
4th
5th
6th
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read/Reset
1X
F0
3555
AA
2AA
55
X
F0
Auto Select
3
555
AA
2AA
55
(BA)
555
90
Program
4
555
AA
2AA
55
555
A0
PA
PD
Double Word Program
3
555
50
PA0
PD0
PA1
PD1
Unlock Bypass
3
555
AA
2AA
55
555
20
Unlock Bypass
Program
2
X
A0
PA
PD
Unlock Bypass Reset
2
X
90
X
00
Chip Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
555
10
Block Erase
6+
555
AA
2AA
55
555
80
555
AA
2AA
55
BA
30
Erase Suspend
1
BA
B0
Erase Resume
1
BA
30
Read CFI Query
1
55
98
Enter Extended Block
3
555
AA
2AA
55
555
88
Exit Extended Block
4
555
AA
2AA
55
555
90
X
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com