Electronic Components Datasheet Search
  English  ▼

X  

CS9803 Datasheet(PDF) 1 Page - Silvan Chip Electronics Tech.Co.,Ltd.

Part # CS9803
Description  PIR CONTROLLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILVAN [Silvan Chip Electronics Tech.Co.,Ltd.]
Direct Link  http://www.sc-tech.cn/en/indexen.htm
Logo SILVAN - Silvan Chip Electronics Tech.Co.,Ltd.

CS9803 Datasheet(HTML) 1 Page - Silvan Chip Electronics Tech.Co.,Ltd.

  CS9803 Datasheet HTML 1Page - Silvan Chip Electronics Tech.Co.,Ltd. CS9803 Datasheet HTML 2Page - Silvan Chip Electronics Tech.Co.,Ltd. CS9803 Datasheet HTML 3Page - Silvan Chip Electronics Tech.Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CS9803
PIR CONTROLLER
CS9803 GENERAL DESCRIPTION
CS9803 is a PIR (passive infra-red) controller, using analog mixing digital
design technique and manufactures by CMOS process which can either
drive TRIAC or RELAY depending on users' choice. With special noise
immunity technique, CS9803 is the most stable PIR controller you can find
on the market. More than this, there are few components needed in its
application circuit which can reduce material cost and increase competitive.
CS9803 PIN DESCRIPTION
Pin
No.
Pin
Name
I/O
Description
1
UOU1
First stage OP amp output
2
NII 1
First stage OP amp positive input
3
II 1
First stage OP amp negative input
4
VREF
Stable reference voltage
5
GND
System ground
6
TB
Time base for 1. The delay time of receiving PIR singnal to sent a puls to trigger
TRIAC or a high signal to trigger relay. The delay time = R x C x 32. The PIR signal
patented and accepted only if the signal cycle greater than R x C x 768 .When state
of relay or TRIAC is changing form active into inactive mode. It takes more than R x C
x 4069, then system is able to receive PIR signal again. 2.The flash cycle show the
beginning of auto mode. Note: Width of TRIAC pulse = R x C x 2. Flash cycle: R x C x
32768 10 K < R < 1M Ohm 100pF < C < 0.1 Uf (Reference Diagram 1)
7
QTEST
For testing only
8
TCI
To set up the timing of how long Triac or relay is active. During the period, if the
system receives the PIR signal, then it restarts counting the timing again. The range
for R: 10K < R < 1M Ohm
C: 100uF< C < 0.1 uF
(Reference Diagram
2)
9
CDS
Connected to a CDS for inhibiting relay or TRIAC being triggered. If TRIAC or relay
has already being triggered by PIR signal and turned into active mode, then CDS can
not inhibit PIR again.
10
TRIAC
To trigger TRIAC, active low Sink current: 15 mA max.
11
RELAY
To drive relay, active high Sink current: 10 mA max. Source current: 10 mA max.
12
ZCD
Detect zero cross of AC line under remote mode function.
13
VDD
Operation voltage: 5V, stand by current: 1mA
2nd stage OP amp negative input
14
II2
Silvan Chip Electronics Tech.Co.,Ltd.
Address: Fl.16 FuChang Building,Binhe Rd,Shenzhen,China
Phone:
86-0755-88291843
88304213
Fax : 86-0755-88290509
Email:
jja@sc-tech.cn
Http:// www.sc-tech.cn


Similar Part No. - CS9803

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS9803 ETC2-CS9803 Datasheet
192Kb / 2P
Infrared Induction Control IC
CS9803GP ETC-CS9803GP Datasheet
131Kb / 3P
CS9803GP
CS9803GP ETC2-CS9803GP Datasheet
192Kb / 2P
Infrared Induction Control IC
More results

Similar Description - CS9803

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT8072 ETC-WT8072 Datasheet
53Kb / 5P
PIR CONTROLLER
M7610 ETC-M7610 Datasheet
106Kb / 3P
PIR CONTROLLER
M7616 ETC2-M7616 Datasheet
179Kb / 4P
DC PIR CONTROLLER
M7612 ETC2-M7612 Datasheet
140Kb / 9P
PIR CONTROLLER
logo
Holtek Semiconductor In...
HT761X HOLTEK-HT761X_09 Datasheet
154Kb / 12P
General Purpose PIR Controller
October 12, 2009
logo
OptoSupply Internationa...
OE0422 OPTOSUPPLY-OE0422 Datasheet
64Kb / 1P
PIR intelligent controller
logo
Pericom Semiconductor C...
PT8A263 PERICOM-PT8A263 Datasheet
346Kb / 11P
PIR Alarm Controller
logo
Silvan Chip Electronics...
BISS0001 SILVAN-BISS0001 Datasheet
168Kb / 2P
PIR CONTROLLER
LP0001 SILVAN-LP0001 Datasheet
85Kb / 2P
PIR CONTROLLER
LP8072C SILVAN-LP8072C Datasheet
114Kb / 3P
PIR CONTROLLER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com