Electronic Components Datasheet Search
  English  ▼

X  

LP0001 Datasheet(PDF) 2 Page - Silvan Chip Electronics Tech.Co.,Ltd.

Part # LP0001
Description  PIR CONTROLLER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILVAN [Silvan Chip Electronics Tech.Co.,Ltd.]
Direct Link  http://www.sc-tech.cn/en/indexen.htm
Logo SILVAN - Silvan Chip Electronics Tech.Co.,Ltd.

LP0001 Datasheet(HTML) 2 Page - Silvan Chip Electronics Tech.Co.,Ltd.

  LP0001 Datasheet HTML 1Page - Silvan Chip Electronics Tech.Co.,Ltd. LP0001 Datasheet HTML 2Page - Silvan Chip Electronics Tech.Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LP0001
PIR CONTROLLER
Silvan Chip Electronics Tech.Co.,Ltd.
Address: Fl.16 FuChang Building,Binhe Rd,Shenzhen,China
Phone:
86-0755-88291843
88304213
Fax : 86-0755-88290509
Email:
jja@sc-tech.cn
Http:// www.sc-tech.cn
T
Irs
RELAY SOURCE CURREN
5
mA
Irsink
mA
RELAY SINK CURRENT
5
Vro
RELAY OPERATING
18.8V: RELAY ON
3.1V: RELAY OFF
13.1
18.8
V
VOLTAGE
1
Itsink
TRIAC SINK CURRENT
15
mA
50
uA
Itsource
TRIAC SOURCE CURRENT
LP0001 TYPICAL APPLICATION



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com